Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIU6921 Datasheet(PDF) 10 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIU6921
Description  High-Efficiency 2 A, 30 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIU6921 Datasheet(HTML) 10 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIU6921 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DIU6921
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIU6921 • Rev. 1.1
3) The DCR of the inductor and the core loss at the switching frequency must be low enough to achieve the
desired efficiency requirement. It is desirable to choose an inductor with DCR < 50 mΩ to achieve good
overall efficiency.
External bootstrap cap
This capacitor provides the gate driver voltage for internal high-side MOSFET. A 100 nF low ESR ceramic
capacitor connected between the BS pin and SW pin is recommended.
Load transient considerations
The DIU6921 regulator IC integrates the compensation components to achieve good stability and fast
transient responses. In some applications, adding a 22 pF ceramic cap in parallel with R1 may further speed
up the load transient responses and is thus recommended for applications with large load transient.
Layout design
The layout design of the DIU6921 regulator is relatively simple. For the best efficiency and minimum noise
problems, place the following components close to the IC: CIN, L1, R1, and R2.
1) It is desirable to maximize the PCB copper area connected to the GND pin to achieve the best thermal and
noise performance. If the board space allows, a ground plane is highly desirable.
2) CIN must be close to IN and GND pins. The loop area formed by CIN and GND must be minimized.
3) The PCB copper area associated with the SW pin must be minimized to avoid the potential noise problem.
4) The components R1 and R2, and the trace connecting to the FB pin must NOT be adjacent to the SW net
on the PCB layout to avoid the noise problem.
5) If the system chip interfacing with the EN pin has a high impedance state at shutdown mode and the IN pin
is connected directly to a power source such as a Li-Ion battery, it is desirable to add a pull-down 1 MΩ
resistor between the EN and GND pins to prevent the noise from falsely turning on the regulator at
shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com