Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIU6921 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIU6921
Description  High-Efficiency 2 A, 30 V Input Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIU6921 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIU6921 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIU6921 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DIU6921
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIU6921 • Rev. 1.1
Pin Assignments
Figure 1. TSOT23-6 (Top view)
Pin Definitions
Pin No.
Pin Name
Description
1
GND
Power ground.
2
SW
Inductor pin. Connect this pin to the switching node of inductor.
3
VIN
Power input.
4
FB
Output feedback pin. Connect this pin to the center point of the output resistor
divider to program the output voltage: VOUT = 0.6 × (1 + R1/R2).
Add optional C2 (10 pF~47 pF) to speed up the transient response.
5
EN
Enable control. Pull high to turn on. Do not float.
6
BS
Bootstrap. Connect a capacitor and a resistor between SW and BS pins to form a
floating supply across the high-side switch driver. Recommend to use 0.1 μF BS
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com