Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIU6921 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIU6921 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIU6921
Download  DIU6921 Download
File Size   1475.6 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2 A, 30 V Input Synchronous Step-Down Converter

DIU6921 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIU6921 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIU6921
Download  DIU6921 Click to download

File Size   1475.6 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 2 A, 30 V Input Synchronous Step-Down Converter

DIU6921 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIU6921 Product details

Features
 Low RDS(ON) or internal switches (top/bottom)
120 mΩ/75 mΩ, 2.0 A
 4.5 ~ 30 V input voltage range
 High-efficiency, synchronous-mode
 Internal soft-start limits the inrush current
 Over current protection
 Thermal shutdown
 Green package:
TSOT23-6 is pin compatible
Applications
 Portable navigation devices
 Set top boxes
 Portable TVs
 LCD TVs
Descriptions
The DIU6921 is a high-efficiency, high-frequency
synchronous step-down DC-DC regulator IC
capable of delivering up to 2 A output currents.
The DIU6921 operates over a wide input voltage
range from 4.5 V to 30 V and integrates the main
switch and synchronous switch with very low
RDS(ON) to minimize the conduction loss.
The DIU6921 adopts the COT architecture to
achieve fast transient responses for high
step-down applications and high efficiency at
light loads. In addition, it operates at a
pseudo-constant frequency of 700 kHz under
heavy load conditions to minimize the size of the
inductor and capacitor.




Similar Part No. - DIU6921

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIU6931 DIOO-DIU6931 Datasheet
1Mb / 12P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Rev 1.1
DIU6931TST6 DIOO-DIU6931TST6 Datasheet
1Mb / 12P
High-Efficiency 3 A, 30 V Input Synchronous Step-Down Converter
Rev 1.1
More results


Similar Description - DIU6921

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7224Y ACE-ACE7224Y Datasheet
220Kb / 4P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com