Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS3953 Datasheet HTML 25Page - ams-OSRAM AG AS3953 Datasheet HTML 26Page - ams-OSRAM AG AS3953 Datasheet HTML 27Page - ams-OSRAM AG AS3953 Datasheet HTML 28Page - ams-OSRAM AG AS3953 Datasheet HTML 29Page - ams-OSRAM AG AS3953 Datasheet HTML 30Page - ams-OSRAM AG AS3953 Datasheet HTML 31Page - ams-OSRAM AG AS3953 Datasheet HTML 32Page - ams-OSRAM AG AS3953 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
ISO 14443A Level-3 Protocol Mode
Level-3 Protocol mode is intended for implementation of
custom protocols for which coding on Level-4 of ISO 14443A
communication according to Figure 34 is not appropriate. In
this mode Level-2 and Level-3 behavior of the PICC logic is
identical to ISO 14443A Level-4 Protocol mode, while on Level-4
all received data blocks are put in FIFO.
In case the configuration bit irq_l4 is set an interrupt is
automatically sent to controller once the PICC Logic enters in
ACTIVE(*) state (after sending SAK on Cascade Level 2).
In this mode the EEPROM can be accessed via SPI when the RF
field is active.
Transparent Mode
In the Transparent Mode the AS3953A logic is bypassed, AFE
input and output signals are directly available on SPI interface
pins when /SS signal is high.
• Modulator switch is controlled by pin MOSI (high is
modulator on)
• Clock extractor output is sent to pin MISO
• Demodulator output is sent to pin IRQ
When /SS signal is low the SPI interface pins resume its normal
functionality.
In this mode the EEPROM can be accessed via SPI when the RF
field is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com