Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS3953 Datasheet HTML 18Page - ams-OSRAM AG AS3953 Datasheet HTML 19Page - ams-OSRAM AG AS3953 Datasheet HTML 20Page - ams-OSRAM AG AS3953 Datasheet HTML 21Page - ams-OSRAM AG AS3953 Datasheet HTML 22Page - ams-OSRAM AG AS3953 Datasheet HTML 23Page - ams-OSRAM AG AS3953 Datasheet HTML 24Page - ams-OSRAM AG AS3953 Datasheet HTML 25Page - ams-OSRAM AG AS3953 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
ams Datasheet
Page 21
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
TA(1): This codes the bit rate capability of PICC. Supported
higher bit rates of AS3953A are 212, 424 and 848 kbit/s.
However in specific applications, it is advised to report lower
capability to PCD (for example, due to the usage of slow
controller or low power application). Due to this reason the
TA(1) response is configurable using configuration bits.
Figure 22:
TA(1) Byte Coding
Bit b8 set to ‘0’ codes possibility of having different data rates
for each direction.
TB(1): The interface byte TB(1) conveys information to define
the frame waiting time and the start-up frame guard time. The
interface byte TB(1) consists of two parts:
• The most significant half-byte b8 to b5 is called FWI and
codes frame waiting time (FWT).
• The least significant half byte b4 to b1 is called SFGI and
codes a multiplier value used to define the SFGT. The SFGT
defines a specific guard time needed by the PICC before
it is ready to receive the next frame after it has sent the
ATS. SFGI is coded in the range from 0 to 14. The value of
‘0’ indicates ‘No SFGT needed’.
The SFGT bits are fixed to default value which is 0x0, while the
FWI bits are defined by configuration bits fwi<3:0>. Figure
below defines the coding of the TB(1) byte.
Figure 23:
TB(1) Byte Coding
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
dr_sdr
dr_
picc_8
dr_
picc_4
dr_
picc_2
0
dr_
pcd_8
dr_
pcd_4
dr_
pcd_2
Coding of ATS byte TA(1)
DS (PICC to PCD)
DR (PCD to PICC)
b8
MSB
b7
b6
b5
b4
b3
b2
b1
LSB
Description
fwi<3>
fwi<2>
fwi<1>
fwi<0>
0
0
0
0
Coding of ATS byte TB(1)
FWI
SFGI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com