Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT4053 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT4053
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4053 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT4053 Datasheet HTML 1Page - STMicroelectronics M74HCT4053 Datasheet HTML 2Page - STMicroelectronics M74HCT4053 Datasheet HTML 3Page - STMicroelectronics M74HCT4053 Datasheet HTML 4Page - STMicroelectronics M74HCT4053 Datasheet HTML 5Page - STMicroelectronics M74HCT4053 Datasheet HTML 6Page - STMicroelectronics M74HCT4053 Datasheet HTML 7Page - STMicroelectronics M74HCT4053 Datasheet HTML 8Page - STMicroelectronics M74HCT4053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
September 2001
s
LOW POWER DISSIPATION:
ICC = 4µA (MAX.) at TA=25°C
s
LOGIC LEVEL TRANSLATION TO ENABLE
TTL LOGIC SIGNAL TO COMMUNICATE
WITH
±5V ANALOG SIGNAL
s
LOW "ON" RESISTANCE:
70
Ω TYP. (V
CC - VEE = 4.5V)
50
Ω TYP. (V
CC - VEE = 9V)
s
WIDE ANALOG INPUT VOLTAGE RANGE:
±6V
s
FAST SWITCHING:
tpd = 13ns (TYP.) at TA = 25 °C
s
LOW CROSSTALK BETWEEN SWITCHES
s
HIGH ON/OFF OUTPUT VOLTAGE RATIO
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE (VCC - VEE) = 2V TO 12V
s
LOW SINE WAVE DISTORTION:
0.02% at VCC - VEE = 9V
s
COMPATIBLE WITH TTL OUTPUTS:
VIH = 2V(MIN.) VIL = 0.8V (MAX.)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 4053
DESCRIPTION
The M74HCT4053 is a triple two-channel analog
MULTIPLEXER/DEMULTIPLEXER
fabricated
with silicon gate C2MOS technology and it is pin
to pin compatible with the equivalent metal gate
CMOS4000B series.
It contains 6 bidirectional and digitally controlled
analog switches.
A built-in level shifting is included to allow an input
range up to
±6V (peak) for an analog signal with
digital control signal of 0 to 6V.
VEE supply pin is provided for analog input
signals. It has an inhibit (INH) input terminal to
disable all the switches when high, compatible
with TTL output level. For operation as a digital
multiplexer/demultiplexer, VEE is connected to
GND. A, B and C control inputs select one of a pair
of channels, they are compatible with TTL output
level.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT4053
TRIPLE 2-CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT4053B1R
SOP
M74HCT4053M1R M74HCT4053RM13TR
TSSOP
M74HCT4053TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M74HCT4053ADTR2G ONSEMI-M74HCT4053ADTR2G Datasheet
207Kb / 16P
Analog Multiplexers / Demultiplexers
June, 2011 ??Rev. 2
More results

Similar Description - M74HCT4053

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
Triple 2-channel Analog Multiplexer / Demultiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
17-May-2004
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com