Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT4053 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HCT4053
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4053 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HCT4053 Datasheet HTML 2Page - STMicroelectronics M74HCT4053 Datasheet HTML 3Page - STMicroelectronics M74HCT4053 Datasheet HTML 4Page - STMicroelectronics M74HCT4053 Datasheet HTML 5Page - STMicroelectronics M74HCT4053 Datasheet HTML 6Page - STMicroelectronics M74HCT4053 Datasheet HTML 7Page - STMicroelectronics M74HCT4053 Datasheet HTML 8Page - STMicroelectronics M74HCT4053 Datasheet HTML 9Page - STMicroelectronics M74HCT4053 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M74HCT4053
6/12
ANALOG SWITCH CHARACTERISTICS (GND = 0V;TA = 25°C)
(*) Input COMMON Terminal, and measured at SWITCH Terminal
(**) Input SWITCH Terminal, and measured at common Terminal
NOTE: These characteristics are determined by the design of the device.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
VIN
(Vp-p)
Typ.
Sine Wave
Distortion
2.25
-2.25
4
fIN = 1 KHz RL = 10 KΩ, CL = 50 pF
0.025
%
4.5
-4.5
8
0.020
Sine Wave
Distortion
2.25
-2.25
4
fIN = 10 KHz RL = 10 KΩ, CL = 50 pF
0.12
%
4.5
-4.5
8
0.06
fMAX
Frequency
Response
(Switch ON) (*)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50Ω, CL = 10 pF, fIN = 1KHz sine wave
120
MHz
4.5
-4.5
190
fMAX
Frequency
Response
(Switch ON) (**)
2.25
-2.25
Adjust fIN voltage to obtain 0 dBm at VOS.
Increase fIN Frequency until dB meter reads -3dB
RL = 50Ω, CL = 10 pF, fIN = 1KHz sine wave
95
MHz
4.5
-4.5
150
6.0
-6.0
Feed through
Attenuation
(Switch OFF)
2.25
-2.25
VIN is centered at (VCC - VEE)/2
Adjust input for 0 dBm
RL = 600Ω, CL = 50 pF, fIN = 1MHz sine wave
-50
dB
4.5
-4.5
-50
Crosstalk (Control
Input to Signal
Output)
4.5
0
Adjust RL at set up so that IS = 0A.
RL = 600Ω, CL = 50 pF, fIN = 1MHz square wave between
Vcc and GND tr=tf= 6 ns
60
mV
4.5
-4.5
140
Crosstalk
(between any two
switches)
2.25
-2.25
Adjust VIN to obtain 0dBm at input
RL = 600Ω, CL = 50 pF, fIN = 1MHz sine wave
-50
dB
4.5
-4.5
-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com