Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT4053 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M74HCT4053
Description  TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT4053 Datasheet(HTML) 4 Page - STMicroelectronics

  M74HCT4053 Datasheet HTML 1Page - STMicroelectronics M74HCT4053 Datasheet HTML 2Page - STMicroelectronics M74HCT4053 Datasheet HTML 3Page - STMicroelectronics M74HCT4053 Datasheet HTML 4Page - STMicroelectronics M74HCT4053 Datasheet HTML 5Page - STMicroelectronics M74HCT4053 Datasheet HTML 6Page - STMicroelectronics M74HCT4053 Datasheet HTML 7Page - STMicroelectronics M74HCT4053 Datasheet HTML 8Page - STMicroelectronics M74HCT4053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M74HCT4053
4/12
DC SPECIFICATIONS
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
VEE
(V)
TA = 25°C
-40 to 85°C
-55 to
125°C
Min.
Typ.
Max. Min.
Max.
Min.
Max.
VIHC
High Level Input
Voltage
4.5
to
5.5
2.0
2.0
2.0
V
VILC
Low Level Input
Voltage
4.5
to
5.5
0.8
0.8
0.8
V
RON
ON Resistance
4.5
GND
VI = VIHC or VILC
VI/O = VCC to VEE
II/O ≤ 2mA
85
180
225
270
Ω
4.5
-4.5
55
120
150
180
4.5
GND
VI = VIHC or VILC
VI/O = VCC or VEE
II/O ≤ 2mA
70
150
190
230
4.5
-4.5
50
100
125
150
∆R
ON
Difference of ON
Resistance
between switches
4.5
GND
VI = VIHC or VILC
VI/O = VCC or VEE
II/O ≤ 2mA
10
30
35
45
Ω
4.5
-4.5
5
12
15
18
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
5.5
GND VOS = VCC or GND
VIS = GND or VCC
VI = VILC or VIHC
±0.06
± 0.6
± 1.0
µA
5.5
-6.0
± 0.1
± 1
± 1
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
5.5
GND VOS = VCC or GND
VI = VIHC or VILC
±0.06
± 0.6
± 1.0
µA
5.5
-6.0
± 0.1
± 1
± 1
II
Input Leakage
Current
5.5
GND
VI = VCC or GND
± 0.1
± 0.1
± 1
µA
ICC
Quiescent Supply
Current
5.5
GND
VI = VCC or GND
440
80
µA
5.5
-6.0
8
80
160
∆I
CC
Additional
Quiescent Supply
Current per input
pin
4.5
to
5.5
GND
VI = VCC - 2.1V
other input at VCC
or GND
100
360
450
490
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com