Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALS20AF2 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # ALS20AF2
Description  Non silicone type sheet with non-tacky and high-damping performance.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

ALS20AF2 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  ALS20AF2 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
New Products Bulletin
● Provides high vibration damping property
as well as impact buffering.
● Provides high sliding property, durability and
wear resistance by welded film.
●Becauseofsiliconefreetype,siloxaneisnotincluded.
Nonsiliconetypesheetwithnon-tacky
andhigh-dampingperformance.
LOSTMER TPS SHEET / ALS20AF2
■ Properties
● Material property
● Impact buffering Property
ALS20AF2-2.0(TC)
ALS20AF2-3.0(TC)
ALS20AF2-4.0(TC)
2.0
3.0
5.0
Original sheet(mm)
Color
Part No.
Black
ALS20AF2-1.0(TC)
ALS20AF2-5.0(TC)
4.0
A(mm)
1.0
300×210
0
10
20
30
40
50
60
70
80
90
100
None
damping
Vibration
damping
rubber "A"
Impact
buffering
gel "B"
KGS
product
100
57
59
43
<Testing condition>
Specimen size: 8x10mm(t=5mm)
Support point number:two point mounting
Dropping weighting: 800g
Drop height:140mm
Acceleration sensor
800g weight
Specimen
Item
Hardness
Resonancefrequency
Maximumvibrationtransmissionrate
Lossfactor
Unit
DurometertypeA※1
Hz
−
−
※
1) InconformitytoJISK6253
LOSTMERTPS
A 20
78.3
1.2
1.87
1000
0.1
1
10
10
100
Frequency(Hz)
<Testing condition>
Specimen size: □5mm(t=3mm)
Support point number:Four point mounting
Load:400g
Acceleration:0.4G
LOSTMERTPS
Non adhesive tape type / ALS20AF2
Adhesive tape equipped type / ALS20AF2-TC
PET Film
LOSTOMER TPS
PET Film
Release paper
Double-sides adhesive tape
PET Film
LOSTOMER TPS
PET Film
● Vibration Transmission
S60-R003E
● All specifications and characteristics shown herein are typical values, but are not guaranteed.
All specifications and characteristics shown herein are subject to change without notice for improvements or changes in specification.
● It is prohibited reprint of the article in this brochure without prior written consent by Kitagawa Industries Co., Ltd.
KITAGAWA INDUSTRIES CO.,LTD.
Tel: 81-587-34-3561 http://www.kitagawa-ind.com
KITAGAWA GmbH
Tel: 49-6104-60009-0 http://www.kitagawa.de
KITAGAWA INDUSTRIES(TAIWAN)CO.,LTD.
Tel: 886-2-2698-8833 http://www.kgtw.com.tw
KITAGAWA INDUSTRIES America, Inc.
Tel: 1-408-971-2055 http://www.kgs-ind.com
KITAGAWA ELECTRONICS(SINGAPORE)PTE.LTD.
Tel: 65-6560-6511 http://www.kitagawa.com.sg
KITAGAWA INDUSTRlES (H.K.) LIMITED
Tel: 852-2612-1161 http://www.kitagawa.com.hk
  
SHANGHAI KITAGAWA INDUSTRIES CO.,LTD.
Tel: 86-21-5865-2766
KITAGAWA ELECTRONICS(THAILAND)CO.,LTD.
Tel: 66-35-350-201 http://www.kitagawa-ind.com/thai/index.html
KITAGAWA TECHNOLOGY(SHENZHEN)CO.,LTD.
Tel: 86-0755-2396-3200


Similar Part No. - ALS20AF2

ManufacturerPart #DatasheetDescription
logo
Mersen
ALS200 MERSEN-ALS200 Datasheet
383Kb / 2P
Forklift Truck Fuses
More results

Similar Description - ALS20AF2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE424 NTE-NTE424 Datasheet
45Kb / 5P
Non-Silicone Heat Sink Compound
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
T-Global Technology
NSP35LV TGLOBAL-NSP35LV Datasheet
584Kb / 1P
TG-NSP35LV Non-Silicone Thermal Putty
TG-APC93 TGLOBAL-TG-APC93 Datasheet
477Kb / 1P
Non-silicone Thermal Pad
20230721
TG-APC94 TGLOBAL-TG-APC94 Datasheet
531Kb / 1P
Non-silicone Thermal Pad
20230721
TG-N909 TGLOBAL-TG-N909 Datasheet
390Kb / 1P
Non-silicone Thermal Grease
20230721
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
Non-Silicone Thermal Putty
TG-NSP36K-1-1 TGLOBAL-TG-NSP36K-1-1 Datasheet
586Kb / 1P
Non-Silicone Thermal Putty
TG-NSP80 TGLOBAL-TG-NSP80 Datasheet
582Kb / 1P
Non-Silicone Thermal Putty
TG-S606A-ULR TGLOBAL-TG-S606A-ULR Datasheet
597Kb / 1P
Non-Silicone Thermal Grease
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com