Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF54
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF54 Datasheet HTML 9Page - Texas Instruments REF54 Datasheet HTML 10Page - Texas Instruments REF54 Datasheet HTML 11Page - Texas Instruments REF54 Datasheet HTML 12Page - Texas Instruments REF54 Datasheet HTML 13Page - Texas Instruments REF54 Datasheet HTML 14Page - Texas Instruments REF54 Datasheet HTML 15Page - Texas Instruments REF54 Datasheet HTML 16Page - Texas Instruments REF54 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
6.9 Electrical Characteristics REF54500
Typical specifications at TA = 25°C, min-max specifications verified across temperature range, IL = 0mA, CIN = 0.1µF, CREF =
10µF, CNR = Open, VIN = VREF + VDO, unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy TA = 25°C
–0.02
0.02
%
Output voltage
temperature coefficient
Q grade; –40°C ≤ TA ≤ 125°C (1)
1.5
ppm/
℃
Ceramic (FKH) package; 0°C ≤ TA ≤ 70°C
0.8
C grade; 0°C ≤ TA ≤ 70°C
1
LINE AND LOAD REGULATION
ΔVR / ΔVIN Line regulation
VREF + VDO ≤ VIN ≤ 10V
4
30
ppm/V
ΔVR / ΔVIN Line regulation
VREF + VDO ≤ VIN ≤ 18V, 0°C ≤ TA ≤ 70°C
1
5
ppm/V
VREF + VDO ≤ VIN ≤ 18V, –40°C ≤ TA ≤ 125°C (1)
1
10
ΔVR / ΔIL
Load regulation
IL = 0mA to 10mA, VIN = VREF + VDO, –40°C ≤
TA ≤ 125°C (1)
5
30
ppm/mA
IL = 0mA to 10mA, VIN = VREF + VDO, 0°C ≤ TA ≤
70°C
5
20
IL = 0mA to –10mA, VIN = VREF + VDO, –40°C ≤
TA ≤ 125°C (1)
5
40
IL = 0mA to –10mA, VIN = VREF + VDO, 0°C ≤ TA ≤
70°C
5
25
NOISE
enp-p
Low frequency noise
ƒ = 0.1Hz to 10Hz
0.45
ppmp-p
enp-p
Low frequency noise
ƒ = 0.1Hz to 10Hz, CNR = 10µF
0.24
ƒ = 0.1Hz to 10Hz, CNR = 100µF
0.11
en
Output voltage noise
ƒ = 10Hz to 1kHz
0.7
ppmrms
en
ƒ = 10Hz to 1kHz, CNR = 1µF
0.16
ppmrms
HYSTERESIS AND LONG-TERM STABILITY
ΔVREF_LTD
Long-term stability -
SOIC (D) package
250h TA = 35°C
14
ppm
1000h TA = 35°C
25
2000h TA = 35°C
32
4500h TA = 35°C
46
ΔVREF_LTD
Long-term stability -
Ceramic (FKH) package
250h TA = 35°C
2
ppm
1000h TA = 35°C
3
2000h TA = 35°C
4
4500h TA = 35°C
4
ΔVREF_HYS
Output voltage
hysteresis - SOIC (D)
package
25°C, 0°C, 70°C, 25°C (cycle 1)
18
ppm
25°C, 0°C, 70°C, 25°C (cycle 2)
0.8
ΔVREF_HYS
Output voltage
hysteresis - Ceramic
(FKH) package
25°C, 0°C, 70°C, 25°C (cycle 1) – FKH package
5
ppm
25°C, 0°C, 70°C, 25°C (cycle 2) – FKH package
4
ppm
TURN ON TIME
tON
Turn-on time
0.1% settling, CREF = 1µF
0.7
ms
CAPACITIVE LOAD
CIN
Stable input capacitor
range
–40
℃ ≤ TA ≤ 125℃
0.1
µF
CREF
Stable output capacitor
range (2)
–40
℃ ≤ TA ≤ 125℃
1
100
µF
POWER SUPPLY
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com