Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54 Datasheet(PDF) 15 Page - Texas Instruments

Part # REF54
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54 Datasheet(HTML) 15 Page - Texas Instruments

Back Button REF54 Datasheet HTML 11Page - Texas Instruments REF54 Datasheet HTML 12Page - Texas Instruments REF54 Datasheet HTML 13Page - Texas Instruments REF54 Datasheet HTML 14Page - Texas Instruments REF54 Datasheet HTML 15Page - Texas Instruments REF54 Datasheet HTML 16Page - Texas Instruments REF54 Datasheet HTML 17Page - Texas Instruments REF54 Datasheet HTML 18Page - Texas Instruments REF54 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
6.10 Typical Characteristics
at TA = 25°C, VIN = VEN = VREF + 0.5V, IL = 0mA, COut = CREF = 10μF, CNR = Open, CIN = 0.1μF, VREF = 2.5V (unless
otherwise noted)
Te mperature (
C)
0
10
20
30
40
50
60
70
-100
-60
-20
20
60
100
Figure 6-1. Output Voltage Vs Free-Air Temperature SOIC
Package
Temperature (°C)
0
10
20
30
40
50
60
70
-100
-60
-20
20
60
100
Figure 6-2. Output Voltage Vs Free-Air Temperature FKH
Package
Te mperature Drift 0
C to 70C (ppm/C)
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
Figure 6-3. Temperature Drift Distribution SOIC Package
Temperature Drift 0°C to 70°C (ppm/°C)
0
20
40
60
80
100
0.16
0.32
0.48
0.64
0.8
Figure 6-4. Temperature Drift Distribution FKH Package
Output Initial Accuracy (%)
0
10%
20%
30%
40%
50%
Figure 6-5. Accuracy Distribution
Figure 6-6. Line Regulation vs Temperature
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com