Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54 Datasheet(PDF) 1 Page - Texas Instruments

Part # REF54
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54 Datasheet(HTML) 1 Page - Texas Instruments

  REF54 Datasheet HTML 1Page - Texas Instruments REF54 Datasheet HTML 2Page - Texas Instruments REF54 Datasheet HTML 3Page - Texas Instruments REF54 Datasheet HTML 4Page - Texas Instruments REF54 Datasheet HTML 5Page - Texas Instruments REF54 Datasheet HTML 6Page - Texas Instruments REF54 Datasheet HTML 7Page - Texas Instruments REF54 Datasheet HTML 8Page - Texas Instruments REF54 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision
Voltage Reference
1 Features
• Low temperature drift coefficient:
– 0.8ppm/°C maximum (C grade, 0°C to 70°C)
– 1.5ppm/°C maximum (Q grade, –40°C to
125°C)
• Low noise (0.1Hz to 10Hz):
– 0.11ppmp-p with CNR = 100μF
– 0.45ppmp-p with CNR = Open
• High accuracy: ±0.02% maximum
• Low quiescent current: 380μA maximum
• Low long-term stability (1khr): 25ppm, SOIC
• Low long-term stability (1khr): 3ppm, Ceramic
• Designed for a wide range of applications:
– Wide input voltage up to 18V
– Output current: ±10mA
– Voltage options: 2.5V, 3V, 4.096V, 4.5V, 5V
• Fit for all design requirement:
– Stable with 1μF to 100μF output low-ESR
capacitor
– High PSRR: 100dB at 1kHz
– Operating temperature range: −40°C to +125°C
– Pin-to-pin to REF50xx family when TEMP pin is
not used
2 Applications
• Semiconductor test equipment
• Precision data acquisition systems
• Precision weight scales
• Ultrasound scanner
• X-ray systems
• Industrial instrumentation
• PLC analog I/O modules
• Field transmitters
• Power monitoring
• Battery management system
3 Description
The REF54 is a family of high precision, low-drift,
low current consumption series voltage reference
devices. The REF54 family offers low temperature
drift coefficient (0.8ppm/°C), low-noise (0.11ppmp-p)
and high accuracy (±0.02%) while consuming 380μA
current. The REF54 with low long-term drift (3ppm
LCCC; 25ppm SOIC), excellent load and line
regulation helps meet strict performance requirements
of high precision applications. The device family is
designed as a companion device for high-resolution
data converters such as ADS8900B, ADS127L11,
ADS1285, and DAC11001B.
The REF54 family supports wide supply voltage rating
of 18V. The REF54 device supports up to 10mA load
current.
The REF54 is specified for the two temperature
ranges, C grade is specified for from 0°C to 70°C
and Q grade is specified for from –40°C to +125°C.
The wide temperature range enables operation across
various industrial applications.
Package Information
PART NAME
PACKAGE (1)
PACKAGE SIZE(2)
REF54
D (SOIC, 8)
4.9mm × 6mm
VSSOP, 8 (3)
3mm × 4.9mm
LCCC, 8
5.00mm × 5.00mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Preview package.
VIN
EN
1μF
10μF
GND
GND
GND
GND
GND
NR
VREF
Optional
Input
Output
REF54
Basic Connection Diagram
Basic Connection Diagram
Te mperature (
C)
0
10
20
30
40
50
60
70
-100
-60
-20
20
60
100
Output Voltage versus Free-Air-Temperature
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - REF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF54 TI1-REF54 Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
REF54250CDR TI1-REF54250CDR Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
REF54250QDR TI1-REF54250QDR Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
REF54300CDR TI1-REF54300CDR Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
REF54300QDR TI1-REF54300QDR Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results

Similar Description - REF54

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF70 TI-REF70_V02 Datasheet
1Mb / 38P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2021
REF70 TI-REF70_V03 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V04 Datasheet
2Mb / 40P
REF70 2 ppm/째C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
DECEMBER 2021
REF70 TI-REF70_V05 Datasheet
1Mb / 40P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V06 Datasheet
1Mb / 41P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED JULY 2022
REF70 TI-REF70_V07 Datasheet
1Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED MARCH 2023
logo
SG Micro Corp
SGM4029 SGMICRO-SGM4029 Datasheet
3Mb / 17P
Low Noise, Low Drift,Precision Voltage Reference
SEPTEMBER2022-REV.A
logo
Texas Instruments
REF70 TI-REF70_V08 Datasheet
2Mb / 43P
REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
REVISED SEPTEMBER 2023
REF54 TI1-REF54 Datasheet
2Mb / 31P
REF54 0.8 ppm/°C Maximum Drift, 0.11 ppmp-p 1/f Noise, 380 μA Current, Precision Voltage Reference
NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com