Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54500CDR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # REF54500CDR.A
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54500CDR.A Datasheet(HTML) 2 Page - Texas Instruments

  REF54500CDR.A Datasheet HTML 1Page - Texas Instruments REF54500CDR.A Datasheet HTML 2Page - Texas Instruments REF54500CDR.A Datasheet HTML 3Page - Texas Instruments REF54500CDR.A Datasheet HTML 4Page - Texas Instruments REF54500CDR.A Datasheet HTML 5Page - Texas Instruments REF54500CDR.A Datasheet HTML 6Page - Texas Instruments REF54500CDR.A Datasheet HTML 7Page - Texas Instruments REF54500CDR.A Datasheet HTML 8Page - Texas Instruments REF54500CDR.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics REF54250.......................... 6
6.6 Electrical Characteristics REF54300.......................... 8
6.7 Electrical Characteristics REF54410........................ 10
6.8 Electrical Characteristics REF54450........................ 12
6.9 Electrical Characteristics REF54500........................ 13
6.10 Typical Characteristics............................................ 15
7 Parameter Measurement Information.......................... 19
7.1 Temperature Drift...................................................... 19
7.2 Long-Term Stability................................................... 19
7.3 Noise Performance................................................... 20
7.4 Thermal Hysteresis................................................... 23
7.5 Solder Heat Shift.......................................................23
7.6 Power Dissipation..................................................... 24
8 Detailed Description......................................................25
8.1 Overview................................................................... 25
8.2 Functional Block Diagram......................................... 25
8.3 Feature Description...................................................25
9 Application and Implementation.................................. 27
9.1 Application Information............................................. 27
9.2 Typical Applications.................................................. 27
9.3 Power Supply Recommendation...............................30
9.4 Layout ...................................................................... 30
10 Device and Documentation Support..........................32
10.1 Documentation Support.......................................... 32
10.2 Receiving Notification of Documentation Updates..32
10.3 Support Resources................................................. 32
10.4 Trademarks.............................................................32
10.5 Electrostatic Discharge Caution..............................32
10.6 Glossary..................................................................32
11 Revision History.......................................................... 32
12 Mechanical, Packaging, and Orderable
Information.................................................................... 33
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com