Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54500CDR.A Datasheet(PDF) 22 Page - Texas Instruments

Part # REF54500CDR.A
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54500CDR.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF54500CDR.A Datasheet HTML 18Page - Texas Instruments REF54500CDR.A Datasheet HTML 19Page - Texas Instruments REF54500CDR.A Datasheet HTML 20Page - Texas Instruments REF54500CDR.A Datasheet HTML 21Page - Texas Instruments REF54500CDR.A Datasheet HTML 22Page - Texas Instruments REF54500CDR.A Datasheet HTML 23Page - Texas Instruments REF54500CDR.A Datasheet HTML 24Page - Texas Instruments REF54500CDR.A Datasheet HTML 25Page - Texas Instruments REF54500CDR.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Flicker Noise (ppmp-p)
0
20
40
60
80
100
0
0.04 0.08 0.12 0.16
0.2
0.24 0.28 0.32
0.4
Figure 7-8. 0.1Hz to 10Hz Voltage Noise
(CNR = 100μF)
Flicker Noise (ppmp-p)
0
20
40
60
80
100
0.1
0.2
0.3
0.4
0.5
0.6
Figure 7-9. 0.1Hz to 10Hz Voltage Noise
(CNR = 10μF)
7.3.2 Broadband Noise
Broadband noise or white noise is flat over the whole spectrum which is restricted by the bandwidth of internal
bandgap reference. The broadband noise is measured by high-pass filtering the output of the REF54 and
measuring the result on a precision spectrum analyzer as shown in Figure 7-10. The DC component of the
REF54 is removed by using a high-pass filter and then amplified. Two stages of small gain has been used to
maximize the noise bandwidth analysis.
REF54
GND
VREF
VIN
EN
VIN
CL
CIN
VREF
NR
CNR
Spectrum
Analyzer
Post Amplifier
G = 11
High-pass Filter
G = 11
Figure 7-10. Broadband Noise Test Setup
Figure 7-11 shows the typical white noise floor for REF54. Designer can use NR pin to restrict the noise
bandwidth to achieve required resolution for the signal chain. Connecting 1μF at NR pin creates a typical low
pass filter of 12Hz for the band gap noise which reduces the white noise floor of REF54. Capacitor > 1μF
eliminates all the noise in > 10Hz band.
Figure 7-11. Noise Performance 10Hz to 100kHz
(CNR = Open)
Frequency
1x101
1x102
1x103
1x104
1x105
0
20
40
60
80
100
CNR = open
CNR = 10 F
CNR = 1 F
Figure 7-12. Noise Performance 10Hz to 100kHz
(COUT) = 10μF
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
www.ti.com
22
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com