Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54500CDR.A Datasheet(PDF) 23 Page - Texas Instruments

Part # REF54500CDR.A
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54500CDR.A Datasheet(HTML) 23 Page - Texas Instruments

Back Button REF54500CDR.A Datasheet HTML 19Page - Texas Instruments REF54500CDR.A Datasheet HTML 20Page - Texas Instruments REF54500CDR.A Datasheet HTML 21Page - Texas Instruments REF54500CDR.A Datasheet HTML 22Page - Texas Instruments REF54500CDR.A Datasheet HTML 23Page - Texas Instruments REF54500CDR.A Datasheet HTML 24Page - Texas Instruments REF54500CDR.A Datasheet HTML 25Page - Texas Instruments REF54500CDR.A Datasheet HTML 26Page - Texas Instruments REF54500CDR.A Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
7.4 Thermal Hysteresis
Thermal hysteresis is measured with the REF54 soldered to a PCB, similar to a real-world application. Thermal
hysteresis for the device is defined as the change in output voltage after operating the device at 25°C, cycling
the device through the specified temperature range, and returning to 25°C. The fist thermal cycle for C variant is
shown in Figure 7-13 and second cycle is shown in Figure 7-14. Thermal hysteresis for REF54250CDR settles
after first cycle. Hysteresis can be expressed by Equation 2
VHYST= VPRE−VPOST
VNOM ×106ppm
(2)
where
• VHYST = thermal hysteresis (in units of ppm)
• VNOM = the specified output voltage
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measured after the device has cycled from 25°C through the specified temperature
range (for example, 0°C to 70°C ) and returns to 25°C
Thermal Hysteresis (ppm)
0
20
40
60
80
0
5
10
15
20
25
Figure 7-13. Thermal Hysteresis Distribution
(0°C to 70°C) - Cycle 1 (REF54250CDR)
Thermal Hysteresis (ppm)
0
20
40
60
80
0
1
2
3
4
5
Figure 7-14. Thermal Hysteresis Distribution
(0°C to 70°C) - Cycle 2 (REF54250CDR)
7.5 Solder Heat Shift
The packaging materials of the REF54 have different coefficients of thermal expansion than the PCB material,
resulting in stress change on the device die when the part is heated during soldering process and cooled down
afterwards. Thermal shock due to reflow and stress change on the device die causes the output voltages to shift,
degrading the initial accuracy performance of the product. Reflow soldering is a common cause of this error.
To quantify the impact, 32 devices were soldered on printed circuit boards using lead-free solder paste and the
paste manufacturer suggested reflow profile to illustrate this effect. The reflow profile is as shown in Figure 7-15.
The printed circuit board is comprised of FR4 material. The board thickness is 1.65mm and the area is 137mm ×
168mm.
For recommended reflow profiles using 'Sn-Pb Eutectic Assembly' or 'Pb-Free Assembly' please refer JEDEC
J-STD-020 standard.
www.ti.com
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com