Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CSSRM2-24 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GH-CSSRM2-24
Description  OSLON® Square
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GH-CSSRM2-24 Datasheet(HTML) 1 Page - ams-OSRAM AG

  GH-CSSRM2-24 Datasheet HTML 1Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 2Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 3Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 4Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 5Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 6Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 7Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 8Page - ams-OSRAM AG GH-CSSRM2-24 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
GH CSSRM2.24
1 Version 1.7 | 2021-09-24
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
GH CSSRM2.24
OSLON® Square
Third generation of OSLON Square with improved
radiation pattern and enhanced performance. Most
compact high-power LED with well known superior
robustness, high reliability, long lifetime and low
thermal resistance.
—
—
Architecture
—
—
Horticulture Lighting
Features:
—
—
Package: SMT ceramic package with silicone lens
—
—
Typ. Radiation: 120° (Lambertian emitter)
—
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
—
—
Radiant Flux: typ. 915 mW @ 700mA ; typ. 456 mW @ 350mA
—
—
Radiant Efficiency: typ. 61 % @ 700mA ; typ. 61 % @ 350mA
—
—
Photosynthetic Photon Flux : typ. 5.01 μmol/s @ 700mA


Similar Part No. - GH-CSSRM2-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GH-CSSRM2.24 OSRAM-GH-CSSRM2.24 Datasheet
1Mb / 22P
SMT ceramic package with silicone resin and silicone lens
More results

Similar Description - GH-CSSRM2-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com