Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30H100CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS30H100CT
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS30H100CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS30H100CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS30H100CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STPS30H100CT
Schottky Barrier Rectifiers
www.iscsemi.com
1
DESCRIPTION
· High Current Capability, High Efficiency.
· High Junction Temperature Capability.
· Low Leakage Current.
APPLICATIONS
·
Switching diode
·
SMPS
·
DC/DC converter
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
100
V
IFAV
Average Forward Rectified Current
30
A
IFSM
Forward Peak Surge Current
(Rated Load 8.3 Half Mssine Wave-According to JEDEC Method)
250
A
PD
Maximum Power Dissipation
166
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.9
℃
/W
ELECTRICAL CHARACTERISTICS(TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 15A;TJ= 25℃
--
--
0.8
V
IF= 15A;TJ= 125℃
--
--
0.67
IR
Reverse Current
VR=VRRM;TJ= 25℃
--
--
5
uA
VR=VRRM;TJ=125℃
--
--
6
mA


Similar Part No. - STPS30H100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30H100CT STMICROELECTRONICS-STPS30H100CT Datasheet
66Kb / 5P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30H100CT STMICROELECTRONICS-STPS30H100CT Datasheet
239Kb / 12P
100 V power Schottky rectifier
01-Jun-2018
More results

Similar Description - STPS30H100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com