Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHV6-2DP-RYGBC Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # NHV6-2DP-RYGBC
Description  Network Signal Tower with Voice Annunciator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHV6-2DP-RYGBC Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  NHV6-2DP-RYGBC Datasheet HTML 1Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 2Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 3Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 4Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 5Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 6Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 7Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 8Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2.1. Model Number Configuration
FCC Part 15 Subpart B(Class A), ICES-003(Class A)
AC Adaptor
USB cannot be used with PoE-powered HUBs that comply with IEEE802.3af.
Ethernet (Conforms to the IEEE 802.3)
10BASE-T / 100BASE-TX / 1000BASE-T (Auto MDI / MDI-X)
Refer to the Outer Dimension Drawing
AC Adaptor *3 , Adhesive sheet
LR6-E-RZ, RY, RG, RB, C
Wireless Data Acquisition System Transmitter
Drawing No.
Rev.
Page
H
UL 62368-1, CSA C22.2 No.62368-1
USB2.0/1.1 Type-A 1ch
WDT-4LR-Z2
Optional Parts
Wall Mounting Bracket
NH-001
Partition Mounting Bracket
NH-002
IPv4 / IPv6 dual stack
LED Unit
LED Unit
LR6-E-R, Y, G, B, MZ
LR4-E-R, Y, G, B
*3 Excludes N-type and P-type
*4 Does not include USB current consumption
*5 Only N-type and P-type
・
UL/cUL Listed
2. Model
・
Conforms to the CE Requirements ・Conforms to the UKCA Requirements
*2 A PoE+ power supply HUB that complies with IEEE802.3at is required.
*1 Only P-type
EN 55032(Class A), EN 55035, EN IEC 63000
Communication Method
Interface
Outer Dimensions
Accessories
Compatible Unit
(Optional)
NHV6
IP Network
ADP-001
(KS C 9610-6-4, KS C 9610-6-2) *5
Conformity Standards
Remark
WDT-6LR-Z2
NHV4
LR4-E-RZ, RY, RG, RB, C
Wireless Data Acquisition System Transmitter
Signal Tower Type
Signal Tower Tiers
Power Supply Method
LED Unit Color
AC Adaptor (included)
R Red
Y Amber
G Green
B Blue
C White
From top to bottom
External I/O
P
□
□
□
V
N
□
-
H
□
Blank
□ □
□
PoE or
AC Adaptor (not included)
-
4
LR4(φ40)
1
1 tier
N
AC Adaptor (not included)
□
6
LR6(φ60)
0
0 tiers
5 tiers
2
2 tiers
3
3 tiers
4
4 tiers
D
I/O exists
Blank I/O does not exist
5
3/11
NHV6-3-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com