Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHV6-2DP-RYGBC Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # NHV6-2DP-RYGBC
Description  Network Signal Tower with Voice Annunciator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHV6-2DP-RYGBC Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  NHV6-2DP-RYGBC Datasheet HTML 1Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 2Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 3Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 4Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 5Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 6Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 7Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 8Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NHV4-DP
DC Jack
PoE *1
AC Adaptor *3
LED Unit
Operating Ambient Temperature
Sound Pressure Level
Storage Ambient Humidity
Main Unit *4
LED Unit
Solid Wire / Stranded Wire: φ0.41 - 0.81mm (AWG26 - 20)
Screwless terminal block
0 tiers
Rated Voltage
DC Jack
PoE *1
AC Adaptor *3
Operating
Voltage
Range
(30VDC@3A) inrush current 5A or less (5VDC@1mA, Minimum, Reference)
Solid Wire / Stranded Wire: φ0.41 - 0.81mm (AWG26 - 20)
Screwless terminal block
840g + (35g) x Signal Tower Tiers
External Contact Output (Only D-type)
Non-voltage contact output
2
Mass
[Tolerance ±10%]
Contact Capacity
Wire Diameter
NHV6-D
805g + (60g) x Signal Tower Tiers (AC Adaptor not included)
795g + (35g) x Signal Tower Tiers (AC Adaptor not included)
850g + (60g) x Signal Tower Tiers
NHV4-D
NHV6-DP
Audio Line Output
600Ω  0dBV (Unbalanced, Monaural Mini-Jack)
760g + (60g) x Signal Tower Tiers (AC Adaptor not included)
750g + (35g) x Signal Tower Tiers (AC Adaptor not included)
88dB or more
Front direction from the center, at 1m, 1.8kHz sine wave played back at -6dB
MP3 data of the content and use of the environment, the sound pressure level will change.
NHV6
NHV4
IP 20
Insulation Resistance
More than 10Mohm at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
1500VAC applied for 1min (10mA or less) between live part and non-current carrying
metallic part without breaking insulration
20%RH - 80%RH (No Dew or Condensation)
Mounting Location
Indoor Only
Mounting Direction
Protection Rating
Upright
Main Unit *4
42.5 - 57VDC
0 - 40℃ (No Dew or Condensation)
Operating Ambient Humidity
20%RH - 80%RH (No Dew or Condensation)
Storage Ambient Temperature
-10 - 60℃ (No Dew or Condensation)
40mA (per Unit, 24VDC input) , 25mA (per Unit, PoE 48VDC input)
Standby: 3.5W Maximum: 6W (AC Adaptor, 100VAC input)
1.0W (per Unit, AC Adaptor, 100VAC input)
Rated Current
Consumption
3 tiers
NHV□-3□□□
NHV□-2□□□
NHV□-1□□□
Rated Power
Consumption
90 - 264VAC
Standby: 120mA Maximum: 210mA (24VDC input)
Standby: 115mA Maximum: 175mA (PoE 48VDC input)
Input: 100 - 240VAC (50/60Hz)
Output: 24VDC
21.6 - 26.4VDC
Drawing No.
Rev.
Page
H
NHV□-0□□□
1. General Specifications
Model
5 tiers
Environmental
Condition
Number of Contacts
2 tiers
1 tier
NHV□-5□□□
NHV□-4□□□
24VDC
48VDC  Conforms to IEEE802.3at (PoE+) *2
4 tiers
Wiring Method
Number of Contacts
Contact Capacity
Terminal OFF condition Voltage: 24VDC
Wire Diameter
Wiring Method
External Contact Input (Only D-type)
Non-voltage contact input NPN Transistor
4
"ON" output current @ 6mA or less per channel
2/11
NHV6-3-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com