Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NHV6-2DP-RYGBC Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # NHV6-2DP-RYGBC
Description  Network Signal Tower with Voice Annunciator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

NHV6-2DP-RYGBC Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  NHV6-2DP-RYGBC Datasheet HTML 1Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 2Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 3Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 4Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 5Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 6Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 7Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 8Page - PATLITE CORPORATION. NHV6-2DP-RYGBC Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Notification Sound
Drawing No.
Rev.
Page
H
2.2. Model Number List
NHV4-1D-R
NHV4-0
NHV4-0N
NHV6-0
NHV6-0N
NHV4-1-R
NHV4-3N-RYG
NHV6-1-R
NHV6-3N-RYG
NHV4-1-Y
NHV4-0DN
NHV6-1-Y
NHV6-0DN
NHV4-1-G
NHV4-3DN-RYG
NHV6-1-G
NHV6-3DN-RYG
NHV4-2-RY
NHV4-0DP
NHV6-2-RY
NHV6-0DP
NHV4-2-RG
NHV4-3DP-RYG
NHV6-2-RG
NHV6-3DP-RYG
NHV4-3-RYG
NHV6-3-RYG
NHV4-4-RYGB
NHV6-4-RYGB
NHV4-5-RYGBC
NHV6-5-RYGBC
NHV4-0D
NHV6-0D
NHV6-1D-R
NHV4-1D-Y
NHV6-1D-Y
NHV4-1D-G
NHV6-1D-G
NHV6-4D-RYGB
NHV4-2D-RY
NHV6-2D-RY
NHV4-2D-RG
NHV6-2D-RG
NHV4-5D-RYGBC
NHV6-5D-RYGBC
Sound
NHV4-3D-RYG
NHV6-3D-RYG
NHV4-4D-RYGB
3. Action Specification
3.1. Information (Main Unit)
Signal Tower
Lighting, Flashing pattern, and off lighting can be controlled for each LED.
When playback is ended, the next available channel stored in memory will play.
Playback Mode
Bit Rate : 32kbit/s, 64kbit/s, 128kbit/s
Constant Bit Rate (CBR) only
Number of messages
ON(500ms), OFF(500ms) (repetition)
ON(80ms), OFF(170ms), ON(80ms), OFF(670ms) (repetition)
ON(250ms), OFF(250ms) (repetition)
ON(1000ms), OFF(1000ms) (repetition)
Flashing pattern 1
Flashing pattern 2
Flashing pattern 3
Flashing pattern 4
Up to 71 types of messages can be played on the main unit speaker and line output.
MP3 File : 60 kinds Preset : 11 kinds
will be interrupted and a new channel will play.
If a new playback event occurs, the channel being played back
MP3 Format
Preset
Input Priority Playback, Memory Playback
It will play back repeatedly per playback event.
Number of playback times : 1 - 254
Buzzer Sound : 5 kinds Chime Sound : 3 kinds Voice Sound : 3 kinds
It is played back when set up to play a certain number of times per playback event.
It is played back once per playback event.
One-shot Playback
Repeat Playback
One-shot Playback, Repeat Playback, Endless Playback
Playback Pattern
Input Priority Playback
Memory Playback
Endless Playback
Chime Sound : 5 kinds
MP3 Format
Preset
Number of Notification Sounds
MP3 File : 5 kinds Preset : 5 kinds
Up to 10 of Notification Sounds can be played in combination with other Sound.
Bit Rate : 32kbit/s, 64kbit/s, 128kbit/s
Constant Bit Rate (CBR) only
4/11
NHV6-3-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com