Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-202LJBU Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # LR5-202LJBU
Description  Signal Tower
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-202LJBU Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  LR5-202LJBU Datasheet HTML 1Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 2Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 3Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 4Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 5Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 6Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 7Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 8Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2.Model
2.1.2 Model Number Example
2.2. UL Registered Model
2.1.1Model Number Configuration
Drawing No.
Rev.
Page
LR-502-W18
I
Tiers
Globe Color
Flashing/Buzzer
Body Color
LED Unit Color
Size
Mounting/Wiring
Rated Voltage
02
24V DC
QJ Pole Mount with Folding Bracket/Cable (LR4・6-W)
WT Direct Mount/Terminal (LR5)
LJ Pole Mount with L-bracket/Cable (LR4・5・6)
From top to bottom
PJ Pole Mount with Circular Bracket/Cable (LR4・5・6)
6 Φ60
B Blue
7 Φ70
WJ Direct Mount/Cable
C White
Amber
5 Φ50
5 5Tiers
(LR4・6-WJ・LJ・PJ)
G Green
Off-white
R Red
4 Φ40
4 4Tiers
U Silver
Y
Color Globe
2 2Tiers
B With Flashing/Buzzer
3 3Tiers
N No Flashing/Buzzer
W
⇩
-
⇩
⇩
1 1Tier
None
LED Unit Color
Globe Color
Assembly Model
LR
⇩
-
⇩
02
⇩
⇩
Model
Tiers
Rated
Voltage
Mounting/Wiring
Flashing/Buzzer
Body Color
Body Color
Globe Color
LED Unit Color
Size
Flashing/Buzzer
Tiers
Mounting/Wiring
Rated Voltage
5 5Tiers
LJ Pole Mount with L-bracket/Cable
02
24V DC
PJ Pole Mount with Circular Bracket/Cable (LR6)
3 3Tiers
C White
4 4Tiers
WJ Direct Mount/Cable
From top to bottom
G Green
2 2Tiers
B Blue
6 Φ60
1 1Tier
N No Flashing/Buzzer
4 Φ40
B With Flashing/Buzzer
Y Amber
W Off-white
Z Clear Globe
R Red
⇩
⇩
W
-
⇩
Z
Body Color
LED Unit Color
Globe Color
Assembly Model
LR
⇩
-
⇩
02
Model
Tiers
Rated
Voltage
Mounting/Wiring
Flashing/Buzzer
QJ Pole Mount with Folding Bracket/Cable
Body Color
Flashing/Buzzer
Size
Mounting/Wiring
Rated Voltage
Φ60
N
Φ70
Φ50
Φ40
⇩
4
5
LR
Model
Flashing/Buzzer
Rated
Voltage
WJ
Unit Model(Body Unit)
-
N
Black (LR5・7-WT・KT)
W
Without Flashing/Buzzer
Off-white
24V DC
02
02
Pole Mount with L-bracket/Cable (LR4・5・6)
Direct Mount/Cable
7
6
⇩
⇩
Silver (LR4・6,LR5・7-WT・KT)
Body Color
Mounting/Wiring
KT Mounting Bracket with knock-outs/Terminal(Body Unit) (Unit-LR5・7)
Direct Mount/Terminal(Body Unit) (Unit-LR5・7)
Pole Mount with Folding Bracket/Cable (LR4・6-W)
Pole Mount with Circular Bracket/Cable (LR4・5・6)
U
PJ
QJ
K
WT
LJ
Unit Model
(Body Unit)
LR6-02WJNW
●
Φ60 ●24V DC ●Direct Mount/Cable ●No Flashing/Buzzer ●Off-white
LR7-02WTNK
●
Φ70 ●24V DC ●Direct Mount/Terminal ●No Flashing/Buzzer ●Black
Assembly Model
LR4-302PJBW-RYGZ
●
Φ40 ●LED Unit 3Tiers ●24V DC ●Pole Mount with Circular Bracket/Cable
●
With Flashing/Buzzer ●Off-white ●(From top to bottom)Red・Amber・Green ●Clear Globe
LR4-102LJNU-R
●
Φ40 ●LED Unit 1Tier ●24V DC ●Pole Mount with L-bracket/Cable
●
No Flashing/Buzzer ●Silver ●(From top to bottom)Red ●Color Globe
LR5-302QJNW-RYG
●
Φ50 ●LED Unit 3Tiers ●24V DC ●Pole Mount with Folding Bracket/Cable
●
No Flashing/Buzzer ●Off-white ●(From top to bottom)Red・Amber・Green ●Color Globe
LR6
LR6-_02WJB , LR6-_02WJN , LR6-02WJN , LR6-_02LJB , LR6-_02LJN , LR6-02LJN ,
LR6-_02PJB , LR6-_02PJN , LR6-02PJN , LR6-_02QJB , LR6-_02QJN , LR6-02QJN
LR7
LR7-_02WJB , LR7-_02WJN , LR7-02WJN , LR7-02WTN , LR7-02KTN
LR4
LR4-_02WJB , LR4-_02WJN , LR4-02WJN , LR4-_02LJB , LR4-_02LJN , LR4-02LJN ,
LR4-_02PJB , LR4-_02PJN , LR4-02PJN , LR4-_02QJB , LR4-_02QJN , LR4-02QJN
LR5
LR5-_02WJB , LR5-_02WJN , LR5-02WJN , LR5-_02LJB , LR5-_02LJN , LR5-02LJN ,
LR5-_02PJB , LR5-_02PJN , LR5-02PJN , LR5-_02WTB , LR5-02WTN , LR5-02KTN
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com