Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-202LJBU Datasheet(PDF) 6 Page - PATLITE CORPORATION.

Part # LR5-202LJBU
Description  Signal Tower
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-202LJBU Datasheet(HTML) 6 Page - PATLITE CORPORATION.

Back Button LR5-202LJBU Datasheet HTML 2Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 3Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 4Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 5Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 6Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 7Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 8Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 9Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 10Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
■
Circular Bracket and Pole Mount with Cable
・
Cable : UL2464 (Φ7.5)
 
Signal Wire & Power Supply Wire : AWG24
 
Cable Length : Off-white(1000)
         
Silver(3000)
3.3 LR□-□02PJ□□
PJ
LR□-□02PJB□
(Unit:mm)
LR□-□02PJN□
Drawing No.
Rev.
Page
LR-502-W18
I
LR□-02 : 99
LR□-102 : 139
LR□-202 : 179
LR□-302 : 219
LR□-402 : 259
LR□-502 : 299
LR□-102 : 173.5
LR□-202 : 213.5
LR□-302 : 253.5
LR□-402 : 293.5
LR□-502 : 333.5
LR4:Φ40,LR5:Φ50
LR6:Φ60,LR7:Φ70
LR4:Φ40,LR5:Φ50
LR6:Φ60,LR7:Φ70
8
Waterproof Packing
Silicone Rubber
-
9
Cable
PVC
VW-1
6
Pole
AL
-
7
Circular Bracket
PC
5VA
4
Body
PC
V-2
5
Pole Bracket
PC
V-1
2
Head Cover
PC
V-2
3
Globe
PC
V-2
Number
Name
Material
UL Flammability
1
Buzzer Case
PC
V-2
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com