Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR5-202LJBU Datasheet(PDF) 14 Page - PATLITE CORPORATION.

Part # LR5-202LJBU
Description  Signal Tower
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR5-202LJBU Datasheet(HTML) 14 Page - PATLITE CORPORATION.

Back Button LR5-202LJBU Datasheet HTML 7Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 8Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 9Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 10Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 11Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 12Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 13Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 14Page - PATLITE CORPORATION. LR5-202LJBU Datasheet HTML 15Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
5.2 Terminal Block Array
・
Temperature rating should be above 75℃, and the conductor
 
material should be of copper wire.
5.3 External Contact Capacity
■
Recommended Fuse
Wire Type
Wire Gauge (Solid Wire)
Drawing No.
Rev.
Page
LR-502-W18
I
Power Supply
IS≧500mA VS≧35V DC
UL1007 / UL1430
0.14~1.5mm2
IS:Current Capacity VS:Withstand Voltage IL:Leakage Current
Recommended contact capacity
250 V / 1 A (5x20mm Fast-Acting Glass Body Cartridge Fuse )
Wire Gauge (Frayed Wire)
AWG30~14
Leakage Current
IL≦0.1mA
Fuse Rated Current
LED Unit (1 Tier)
IS≧100mA VS≧35V DC
Buzzer
IS≧300mA VS≧35V DC
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com