Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1007 Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # FMPT1007
Description  10 MHz to 40 GHz Power Detector, Negative Output Slope, 23 dBm Max Pin, SMA Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPT1007 Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  FMPT1007 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Output DC Voltage vs. Input Power
VSWR @+85
℃℃
VSWR @-40
℃℃
VSWR @+25
℃℃
Rise Time
Fall Time
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 3 of 5
FMPT1007
DATA SHEET



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com