Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1007 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPT1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPT1007
Download  FMPT1007 Download
File Size   589.2 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 40 GHz Power Detector, Negative Output Slope, 23 dBm Max Pin, SMA Output

FMPT1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPT1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPT1007
Download  FMPT1007 Click to download

File Size   589.2 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 40 GHz Power Detector, Negative Output Slope, 23 dBm Max Pin, SMA Output

FMPT1007 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPT1007 Product details

Features
• Power Detector with
• Negative Output Slope
• 10 MHz to 40 GHz
• High Voltage Sensitivity
• 0.3 mV/uW typ
• Tangential Signal Sensitivity
• (TSS) -25 dBm min
• VSWR 1.5:1 typ
• Maximum RF Input Power
• Handling +23 dBm
• No DC Bias Required
• 50 Ohm Design
• Field Replaceable 2.92mm
• Connectors, Male input
• and Female output
• Operational Temperature
• Range -40°c to +85°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Guaranteed Environmental
• Test Conditions Altitude,
• Vibration, Humidity, Shock
• Applications:
• Test & Measurement
• Military and Commercial
• Communications
• Military Electronic Systems
• Research & Development




Similar Part No. - FMPT1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results


Similar Description - FMPT1007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DT65-0006 MACOM-DT65-0006 Datasheet
212Kb / 2P
Negative Output Plastic Detector, 840 - 2200 MHz
logo
Analog Devices
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
logo
Pasternack Enterprises,...
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
PE85N1011 PASTERNACK-PE85N1011 Datasheet
697Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 2 GHz
PE85N1012 PASTERNACK-PE85N1012 Datasheet
698Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 3 GHz
PE85N1013 PASTERNACK-PE85N1013 Datasheet
392Kb / 4P
SMA Amplified Noise Source Module, Output Pout of -14 dBm, 15 VDC, 10 MHz to 6 GHz
PE85N1018 PASTERNACK-PE85N1018 Datasheet
660Kb / 3P
SMA Calibrated Noise Source Bench Top, Output Pout of 0 dBm, 28 VDC, 10 MHz to 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com