Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1003 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPT1003 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPT1003
Download  FMPT1003 Download
File Size   644.73 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA

FMPT1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPT1003 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPT1003
Download  FMPT1003 Click to download

File Size   644.73 Kbytes
Page   5 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA

FMPT1003 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPT1003 Product details

Features
• Power Detector with
• Positive Output Slope
• 10 MHz to 18 GHz
• High Voltage Sensitivity
• 0.5 mV/uW typ
• Tangential Signal Sensitivity
• (TSS) -35 dBm typ
• VSWR 1.5:1 typ
• Maximum RF Input Power
• Handling +23 dBm
• No DC Bias Required
• 50 Ohm Design
• Field Replaceable SMA
• Connectors, Male input
• and Female output
• Operational Temperature
• Range -40°c to +85°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Guaranteed Environmental
• Test Conditions Altitude,
• Vibration, Humidity, Shock
• Applications:
• Test & Measurement
• Military & Commercial
• Communications
• Military Electronic Systems
• Research & Development




Similar Part No. - FMPT1003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1005 FAIRVIEW-FMPT1005 Datasheet
672Kb / 4P
10 MHz to 26.5 GHz Power Detector, Negative Out­ put Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results


Similar Description - FMPT1003

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TA160-180-50-10 TRANSCOM-TA160-180-50-10 Datasheet
17Kb / 1P
16 - 18 GHz 10 dBm Power Amplifier
logo
M/A-COM Technology Solu...
2087-6001-00 MA-COM-2087-6001-00 Datasheet
39Kb / 1P
Point Contact Detector 10 MHz to 18 GHz
2087-6001-13 MA-COM-2087-6001-13 Datasheet
39Kb / 1P
Point Contact Detector 10 MHz to 18 GHz
2087-6001-00 MA-COM-2087-6001-00 Datasheet
39Kb / 1P
Point Contact Detector 10 MHz to 18 GHz
2087-6001-13 MA-COM-2087-6001-13 Datasheet
39Kb / 1P
Point Contact Detector 10 MHz to 18 GHz
logo
Pasternack Enterprises,...
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE8033 PASTERNACK-PE8033 Datasheet
701Kb / 3P
SMA PIN-Schottky Limiter, 100 Watts Peak Power, 18 dBm Flat Leakage, 2 GHz to 18 GHz
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
PE71S6213 PASTERNACK-PE71S6213 Datasheet
370Kb / 4P
SMA SP8T PIN Diode Switch Operating From 500 MHz to 18 GHz Up To plus 20 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com