Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1005 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPT1005 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPT1005
Download  FMPT1005 Download
File Size   672.73 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 26.5 GHz Power Detector, Negative Out­ put Slope, 23 dBm Max Pin, SMA

FMPT1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPT1005 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPT1005
Download  FMPT1005 Click to download

File Size   672.73 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 10 MHz to 26.5 GHz Power Detector, Negative Out­ put Slope, 23 dBm Max Pin, SMA

FMPT1005 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPT1005 Product details

Features
• Power Detector with
• Negative Output Slope
• 10 MHz to 26.5 GHz
• High Voltage Sensitivity
• 0.5 mV/uW typ
• Tangential Signal Sensitivity
• (TSS) -25 dBm min
• VSWR 1.5:1 typ
• Maximum RF Input Power
• Handling +23 dBm
• No DC Bias Required
• 50 Ohm Design
• Field Replaceable SMA
• Connectors, Male input
• and Female output
• Operational Temperature
• Range -40°c to +85°C
• Rugged and Compact Aluminum
• Gold Plated Package Design
• Guaranteed Environmental
• Test Conditions Altitude,
• Vibration, Humidity, Shock
• Applications:
• Test & Measurement
• Military and Commercial
• Communications
• Military Electronic Systems
• Research & Development




Similar Part No. - FMPT1005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results


Similar Description - FMPT1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9506 PASTERNACK-PE9506 Datasheet
246Kb / 3P
Precision SMA Male to SMA Female Adapter Max. Freq. 26.5 GHZ.
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE71S2007 PASTERNACK-PE71S2007 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 30 dBm
PE71S2008 PASTERNACK-PE71S2008 Datasheet
486Kb / 6P
SMA SPST PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2015 PASTERNACK-PE71S2015 Datasheet
502Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2016 PASTERNACK-PE71S2016 Datasheet
487Kb / 6P
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2017 PASTERNACK-PE71S2017 Datasheet
501Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
PE71S2018 PASTERNACK-PE71S2018 Datasheet
433Kb / 6P
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 27 dBm
PE71S2009 PASTERNACK-PE71S2009 Datasheet
451Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
PE71S2010 PASTERNACK-PE71S2010 Datasheet
445Kb / 5P
SMA SPDT PIN Diode Switch Operating From 50 MHz to 26.5 GHz Up To plus 27 dBm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com