Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1000 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPT1000 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPT1000
Download  FMPT1000 Download
File Size   713.18 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope

FMPT1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPT1000 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPT1000
Download  FMPT1000 Click to download

File Size   713.18 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope

FMPT1000 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPT1000 Product details

Features
• positive output slope with a true RMS response from 0.1 to 5 volts, 30 dB of
• dynamic range, and a fast pulse respone of 7 µsec typical. The 50 ohm detector
• design requires a single +5 volt power supply, can handle up to +15 dBm input
• power, and supports Female SMA conectors. The rugged compact package
• assembly operates over a -40°C to +85°C temperaure range and is designed to
• meet MIL-STD-202 environmental test conditions for Humidity, Shock, Vibration,
• and Altitude.
Features
• Frequency Range:
• 50 to 5000 MHz
• Dynamic Range: 30 dB
• True RMS Output Voltage
• Response: 0.1 to 5V
• Positive Output Slope
• Input VSWR: 1.4:1 typ
• Absolute Max RF Input
• Power: +15 dBm
• Pulse Reponse: 7 µsec
• DC Power: +5V
• SMA Female Connectors
• Operating Temperature:
• -40°C to +85°C
• Guaranteed to meet MIL-
• STD-202 Environmental
• Conditions
• Applications:
• Transmit/Receive Power
• Measurement
• Input Protection
• Return Loss Measurement
• RF Pulse Detection
• Radar
• Electronic Warfare
• Test and Measurement
• Wireless Signal Testing
• & Optimization
• Power Amplifier Linearization
• CW & Modulated Waveform
• Measurements




Similar Part No. - FMPT1000

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1005 FAIRVIEW-FMPT1005 Datasheet
672Kb / 4P
10 MHz to 26.5 GHz Power Detector, Negative Out­ put Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results


Similar Description - FMPT1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
AD8317 AD-AD8317 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 50 dB Log Detector/Controller
10/05-Revision 0
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
4/05-Revision 0
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
logo
Pasternack Enterprises,...
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
logo
Analog Devices
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
logo
Pasternack Enterprises,...
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
logo
Analog Devices
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
50 MHz to 9 GHz 65 dB TruPwr Detector
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com