Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1001 Datasheet (PDF) - Infinite Electronics International, Inc.

FMPT1001 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMPT1001
Download  FMPT1001 Download
File Size   714.87 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope

FMPT1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMPT1001 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMPT1001
Download  FMPT1001 Click to download

File Size   714.87 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope

FMPT1001 Datasheet (HTML) - Infinite Electronics International, Inc.


FMPT1001 Product details

Features
• positive output slope with an output voltage response from 0.5 to 2 volts, 80 dB of
• dynamic range, and a fast pulse respone of 2 µsec typical. The 50 ohm detector
• design requires a single +5 volt power supply, can handle up to +20 dBm RF
• input power, and supports Female SMA conectors. The rugged compact package
• assembly operates over a -40°C to +85°C temperaure range and is designed to
• meet MIL-STD-202 environmental test conditions for Humidity, Shock, Vibration,
• and Altitude.
Features
• Frequency Range:
• 30 to 4000 MHz
• Dynamic Range: 80 dB
• Output Voltage
• Response: 0.5 to 2V
• Positive Output Slope
• Input VSWR: 1.5:1 typ
• Max RF Input Power: +15 dBm
• Pulse Reponse: 0.2 µsec
• DC Power: +5V
• SMA Female Connectors
• Operating Temperature:
• -40°C to +85°C
• Guaranteed to meet MIL-
• STD-202 Environmental
• Conditions
• Applications:
• Transmit/Receive Power
• Measurement
• Input Protection
• Return Loss Measurement
• RF Pulse Detection
• Radar
• Electronic Warfare
• Test and Measurement
• Wireless Signal Testing
• & Optimization
• Power Amplifier Linearization
• CW & Modulated Waveform
• Measurements




Similar Part No. - FMPT1001

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1005 FAIRVIEW-FMPT1005 Datasheet
672Kb / 4P
10 MHz to 26.5 GHz Power Detector, Negative Out­ put Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results


Similar Description - FMPT1001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
2/06-Rev 0 to Rev. A
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
50 MHz to 4 GHz TruPwr Detector
9/06-Revision 0
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
50 MHz to 6 GHz TruPwr Detector
REV. B
logo
Pasternack Enterprises,...
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
logo
Analog Devices
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
30 MHz to 4.5 GHz, 45 dB RF Detector
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com