Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMPT1007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMPT1007
Description  10 MHz to 40 GHz Power Detector, Negative Output Slope, 23 dBm Max Pin, SMA Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPT1007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMPT1007 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMPT1007 Datasheet HTML 5Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REV 1.1 Page 1 of 5
Copyright © 2020
The FMPT1007 is a coaxial packaged Power Detector that operates across an ultra
broadband frequency from 10 MHz to 40 GHz. The 50 Ohm design provides a
negative output voltage that’s porportional to the RF input signal level. Impressive
performance includes high voltage sensitivity of 0.3 mV/uW, tangential signal
sensitivity (TSS) of -25 dBm min, and typical low VSWR of 1.5:1. The unit does
not require a DC bias voltage, and has maximum RF input power handling of +23
dBm. The low profile pin package is aluminum with Gold plating and supports
field replaceable 2.92mm connectors, with a Male RF connector on the input port
and a Female RF connector on the output port. With the connectors removed,
the package can be drop mounted onto a PWB. The module has an operational
temperature range from -40°c to +85°C and is guaranteed to meet a series of
environmental test conditions for Altitude, Vibration, Humidity, and Shock.
Electrical Specifications (@ +25°C)
.
Description
Min
Typ
Max
Unit
Frequency Range
0.01
40
GHz
VSWR
1.5:1
2:01
Voltage Sensitivity
0.1
0.3
mV/uW
Input Power
23
dBm
Tangential Signal Sensitivity (TSS)
-25
dBm
Operating Temperature Range
-40
85
deg C
Output Polarity
Negative
.
FMPT1007
DATA SHEET
10 MHz to 40 GHz Power Detector, Negative Output
Slope, +23 dBm Max Pin, SMA Output
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Power Detector with
Negative Output Slope
• 10 MHz to 40 GHz
• High Voltage Sensitivity
0.3 mV/uW typ
• Tangential Signal Sensitivity
(TSS) -25 dBm min
• VSWR 1.5:1 typ
• Maximum RF Input Power
Handling +23 dBm
• No DC Bias Required
• 50 Ohm Design
• Field Replaceable 2.92mm
Connectors, Male input
and Female output
• Operational Temperature
Range -40°c to +85°C
• Rugged and Compact Aluminum
Gold Plated Package Design
• Guaranteed Environmental
Test Conditions Altitude,
Vibration, Humidity, Shock
Applications:
• Test & Measurement
• Military and Commercial
Communications
• Military Electronic Systems
• Research & Development


Similar Part No. - FMPT1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMPT1000 FAIRVIEW-FMPT1000 Datasheet
713Kb / 4P
Power Detector, 50 MHz to 5 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1001 FAIRVIEW-FMPT1001 Datasheet
714Kb / 4P
Power Detector, 30 MHz to 4 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1002 FAIRVIEW-FMPT1002 Datasheet
714Kb / 4P
Power Detector, 50 MHz to 3 GHz, SMA, Postive Out­ put Slope
REV 1.1
FMPT1003 FAIRVIEW-FMPT1003 Datasheet
644Kb / 5P
10 MHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
FMPT1004 FAIRVIEW-FMPT1004 Datasheet
726Kb / 5P
6 GHz to 18 GHz Power Detector, Positive Output Slope, 23 dBm Max Pin, SMA
REV 1.1A
More results

Similar Description - FMPT1007

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DT65-0006 MACOM-DT65-0006 Datasheet
212Kb / 2P
Negative Output Plastic Detector, 840 - 2200 MHz
logo
Analog Devices
AD8319 AD-AD8319 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
10/05-Revision 0
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
1 MHz to 10 GHz, 40 dB Log Detector/Controller
3/07-Rev. 0 to Rev. A
logo
Pasternack Enterprises,...
PE15A6002 PASTERNACK-PE15A6002 Datasheet
508Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE15A6007 PASTERNACK-PE15A6007 Datasheet
510Kb / 7P
Amplifier, -40 to 10 dBm Pin, SMA
PE15A2004 PASTERNACK-PE15A2004 Datasheet
712Kb / 10P
6 GHz to 18 GHz, Log Amplifier, 50 mV - dB Log Slope, 40 dBm Log Range, SMA
PE85N1011 PASTERNACK-PE85N1011 Datasheet
697Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 2 GHz
PE85N1012 PASTERNACK-PE85N1012 Datasheet
698Kb / 4P
SMA Amplified Noise Source Module, Output Pout of 0 dBm, 15 VDC, 10 MHz to 3 GHz
PE85N1013 PASTERNACK-PE85N1013 Datasheet
392Kb / 4P
SMA Amplified Noise Source Module, Output Pout of -14 dBm, 15 VDC, 10 MHz to 6 GHz
PE85N1018 PASTERNACK-PE85N1018 Datasheet
660Kb / 3P
SMA Calibrated Noise Source Bench Top, Output Pout of 0 dBm, 28 VDC, 10 MHz to 3 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com