Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2.5CHA Datasheet(PDF) 21 Page - Wavelength Electronics, Inc.

Part # LD2.5CHA
Description  Low Noise up to 15 A / 28 V Laser Diode Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LD2.5CHA Datasheet(HTML) 21 Page - Wavelength Electronics, Inc.

Back Button LD2.5CHA Datasheet HTML 15Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 16Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 17Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 18Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 19Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 20Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 21Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 22Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 23Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
© 2024
www.teamWavelength.com
21
LDXCHA SERIES LASER DIODE DRIVER
CABLING SPECIFICATIONS
WCB308: POWER / LD CABLE (NOT INCLUDED)
2.00”
BLACK / RED TWISTED PAIR; 14 AWG
WHITE / BLUE TWISTED PAIR; 14 AWG
OVERALL LENGTH 24” ± 1” AFTER TWISTING
WCB325: LD15CHA SWITCHING POWER SUPPLY CABLES (NOT INCLUDED)
Black / White Twisted Pair
14 AWG
Overall length 24” ± 1”
Black / Red Twisted Pair
14 AWG
Overall length 24” ± 1”
Black
24 AWG
Overall length 10”
BLACK = AC (Live)
WHITE = AC (Neutral)
BLACK = GND (J1:4)
RED = V+ (J1:3)
BLACK = Safety Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com