Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2.5CHA Datasheet (PDF) - Wavelength Electronics, Inc.

LD2.5CHA Datasheet PDF - Wavelength Electronics, Inc.
Part # LD2.5CHA
Download  LD2.5CHA Download
File Size   2261.48 Kbytes
Page   23 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Low Noise up to 15 A / 28 V Laser Diode Drivers

LD2.5CHA Datasheet (PDF)

Go To PDF Page Download Datasheet
LD2.5CHA Datasheet PDF - Wavelength Electronics, Inc.

Part # LD2.5CHA
Download  LD2.5CHA Click to download

File Size   2261.48 Kbytes
Page   23 Pages
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.
Description Low Noise up to 15 A / 28 V Laser Diode Drivers

LD2.5CHA Datasheet (HTML) - Wavelength Electronics, Inc.


LD2.5CHA Product details

FEATURES AND BENEFITS
• Models: 2.5 A, 5 A, 10 A, and 15 A
• Single supply operation at +5 VDC for single
emitters (3 V maximum to laser)
• Dual supply operation up to +30 VDC
(28 V maximum to laser)
• Constant Current or Constant Power modes
• Safety features protect your laser
» Adjustable clipping current limit
» Slow-start and delay circuitry
» Brownout protection
» Over-voltage protection
• Bandwidth 280 kHz to 1 MHz in Constant Current
mode (model dependent)
• RMS Noise Current as low as 7 μA at 100 kHz
LASER SAFETY FEATURES
Built-in safety features ensure robust designs for real
world operating conditions: clipping current limit ensures
that the output current will never exceed the setpoint;
and slow start circuit ramps the output current. Long‑term
reliability means better up-time, fewer service calls, and
more satisfied customers.




Similar Part No. - LD2.5CHA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LD20 AVX-LD20 Datasheet
55Kb / 2P
Tip & Ring Tin/Lead Termination ?쏝??Multilayer Ceramic Chip Capacitors
LD20 AVX-LD20 Datasheet
52Kb / 2P
High Voltage MLC Chips Tin/Lead Termination ?쏝??For 600V to 5000V Applications
logo
List of Unclassifed Man...
LD20 ETC2-LD20 Datasheet
326Kb / 6P
Low flow sensing up to 1200 ml/h (20 ml/min)
logo
MORNSUN Science& Techno...
LD20-10B03 MORNSUN-LD20-10B03 Datasheet
424Kb / 6P
AC/DC Converter
LD20-10B05 MORNSUN-LD20-10B05 Datasheet
424Kb / 6P
AC/DC Converter
More results


Similar Description - LD2.5CHA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
10.7Gbps Laser Diode Drivers
Rev 3; 3/02
logo
IC-Haus GmbH
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
15 V CW P-TYPE LASER DIODE DRIVER
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
Up to 28 A Output Current
logo
IC-Haus GmbH
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
15 V CW LASER DIODE DRIVER
logo
Wavelength Electronics,...
PLD WAVELENGTH-PLD Datasheet
2Mb / 21P
Laser Diode Drivers
logo
Lumics GmbH
LUXXXXAYYY LUMICS-LUXXXXAYYY Datasheet
387Kb / 3P
Diode Laser @ 670nm - 1940nm up to 830W
2021-06-28
logo
Alpha & Omega Semicondu...
AOZ1270AQI AOSMD-AOZ1270AQI Datasheet
2Mb / 15P
28 V/15 A Synchronous EZBuckTM Regulator
Rev. 1.1 March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com