Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD2.5CHA Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # LD2.5CHA
Description  Low Noise up to 15 A / 28 V Laser Diode Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

LD2.5CHA Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  LD2.5CHA Datasheet HTML 1Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 2Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 3Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 4Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 5Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 6Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 7Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 8Page - Wavelength Electronics, Inc. LD2.5CHA Datasheet HTML 9Page - Wavelength Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
© 2024
www.teamWavelength.com
4
LDXCHA SERIES LASER DIODE DRIVER
PIN DESCRIPTIONS
Table 1. Pin Descriptions
PIN
NAME
PIN DESCRIPTION
Connector J1 – Power & Laser Diode Connections
1
LDC
Connect this pin to the Laser Diode Cathode.
2
LDA
Connect this pin to the Laser Diode Anode. This pin is internally connected to V+.
3
V+
This pin is the main power supply pin for single and dual supply operation. Allowable voltage input is 5 to
30 V. It is internally connected to the laser diode anode (LDA).
If using a +5 V power supply, you can install jumper JP2 to power the control electronics from the same
supply. If using a higher voltage power supply for more compliance voltage to the laser diode, remove
JP2. 1
4
GND
Used for high current return. This pin is internally connected to pin J5:2.
Connector J2 – Status Connections & Modulation Input
1
MOD INPUT
Use this pin to allow for modulation. Range is -2 V to +5 V. This signal sums with the onboard trimpot.
If no modulation, install jumper JP1. 1 Modulation Input Impedance is 2.5 kΩ.
2
GND
This pin is the ground reference for modulation. Not to be used for high current return.
3
ENABLE
TTL compatible input that allows remote enabling and disabling of current to the laser diode.
To enable current, the voltage at this pin must be <0.3 V.
To disable current, the voltage at this pin must be >2 V.
The enable circuit uses an internal 10 kΩ pullup resistor.
For the LDxCHA to enable output current to the laser, the ENABLE pin must be configured properly. If
the ENABLE pin is not at a voltage <0.3 V, the LDxCHA will not enable current to the laser. The internal
pullup resistor will hold this pin high if it is left floating.
4
LIM MON
Monitors the current limit set by the user. Outputs a voltage proportional to the current limit.
See
Table 2 for model-specific transfer function. Range is 0 to 2.5 V on monitor.
5
LD STATUS
Monitors whether output current is enabled to the laser diode.
If output is enabled, there will be +5 V at this pin.
If output is disabled, there will be 0 V at this pin.
6
GND
This pin is the ground reference for ENABLE, LIM MON, and LD STATUS. Not to be used for high
current return.
Connector J3 – Monitor Connections
1
SET MON
Monitors the user-defined setpoint. Outputs a voltage proportional to the current setpoint.
See
Table 2 for model-specific transfer function. Range is 0 to 2.5 V on monitor.
2
I MON
Monitors the output current. Outputs a voltage proportional to the current through the laser diode.
See
Table 2 for model-specific transfer function. Range is 0 to 2.5 V on monitor.
3
P MON
Monitors the photodiode output. Outputs a voltage proportional to the current through the photodiode.
See
Table 2 for model-specific transfer function. Range is 0 to 2.5 V on monitor.
4
GND
This pin is the ground reference for the monitors on connector J3. Not to be used for high current return.
Connector J4 – Photodiode Connections
1
PDC
Connect this pin to the Photodiode Cathode.
The photodiode must be connected to the laser diode. See jumper JP3. 1
2
PDA
Connect this pin to the Photodiode Anode.
Connector J5 – Control Electronics Connections
1
+5V
Connect +5 VDC to this pin to power control electronics. Do not exceed 5.5 V at this pin.
If single +5 V supply operation is used, install JP2 and only connect the power supply to J1.
2
GND
This pin is the ground reference for +5V. Not to be used for high current return. This pin is internally
connected to pin J1:4.
1
For more details regarding jumpers, see
Table 3 on page 5 and “Install or Remove Jumpers” on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com