Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-CC Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-CSSRM1-CC
Description  OSLON® Square
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-CC Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-CSSRM1-CC Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
5C
5D
5E
6C
6D
6E
7C
7D
7E
5F
5G
6F
6G
7F
7G
5H
5I
6H
6I
7H
7I
5J
5K
6J
6K
7J
7K
5L
5M
5N
6L
6M
6N
7L
7M
7N
5O
5P
5Q
6O
6P
6Q
7O
7P
7Q
8O
8P
8Q
5R
5S
5T
6R
6S
6T
7R
7S
7T
8R
8S
8T
5U
5V
5W
5X
6U
6V
6W
6X
7U
7V
7W
7X
8U
8V
8W
8X
3500 K
4000 K
4500 K
5000 K
5500 K
6000 K
6500 K
7000 K
2700
K
300
0 K
3500
K
40
00
K
45
00
K
5000
K
57
00
K
65
00
K
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
2400 K
cool white
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
cool white
450
460
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
620
630
700
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
Cy
Cx
Coordinates in reference to CIE 1931 (cx cy)
3000 K
Farbortgruppen 6) Seite 25
Chromaticity Coordinate Groups 6) page 25
2018-05-10
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com