Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-CC Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # GW-CSSRM1-CC
Description  OSLON® Square
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-CC Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button GW-CSSRM1-CC Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
6E
0.3154
0.3352
6P
0.4006
0.3815
8U
0.4515
0.4168
0.3162
0.3282
0.4036
0.3898
0.4562
0.4260
0.3210
0.3408
0.4095
0.3858
0.4576
0.4183
0.3216
0.3334
0.4130
0.3944
0.4625
0.4275
7E
0.3146
0.3422
7P
0.4036
0.3898
5V
0.4428
0.3906
0.3154
0.3352
0.4067
0.3982
0.4477
0.3998
0.3205
0.3481
0.4130
0.3944
0.4483
0.3919
0.3210
0.3408
0.4164
0.4029
0.4534
0.4011
5F
0.3217
0.3316
8P
0.4067
0.3982
6V
0.4477
0.3998
0.3222
0.3243
0.4097
0.4065
0.4526
0.4090
0.3293
0.3384
0.4164
0.4029
0.4534
0.4011
0.3294
0.3306
0.4198
0.4115
0.4585
0.4104
6F
0.3212
0.3389
5Q
0.4061
0.3773
7V
0.4526
0.4090
0.3217
0.3316
0.4095
0.3858
0.4576
0.4183
0.3292
0.3461
0.4147
0.3814
0.4585
0.4104
0.3293
0.3384
0.4185
0.3902
0.4636
0.4197
7F
0.3206
0.3462
6Q
0.4095
0.3858
8V
0.4576
0.4183
0.3212
0.3389
0.4130
0.3944
0.4625
0.4275
0.3292
0.3461
0.4185
0.3902
0.4636
0.4197
0.3292
0.3539
0.4223
0.3990
0.4688
0.4290
5G
0.3293
0.3384
7Q
0.4130
0.3944
5W
0.4483
0.3919
0.3294
0.3306
0.4164
0.4029
0.4534
0.4011
0.3366
0.3369
0.4223
0.3990
0.4538
0.3931
0.3369
0.3451
0.4261
0.4077
0.4591
0.4025
6G
0.3292
0.3461
8Q
0.4164
0.4029
6W
0.4534
0.4011
0.3293
0.3384
0.4198
0.4115
0.4585
0.4104
0.3369
0.3451
0.4261
0.4077
0.4591
0.4025
0.3373
0.3534
0.4299
0.4165
0.4644
0.4118
7G
0.3292
0.3461
5R
0.4147
0.3814
7W
0.4585
0.4104
0.3292
0.3539
0.4185
0.3902
0.4636
0.4197
0.3373
0.3534
0.4222
0.3840
0.4644
0.4118
0.3376
0.3616
0.4263
0.3929
0.4697
0.4211
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2018-05-10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com