Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-CC Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # GW-CSSRM1-CC
Description  OSLON® Square
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-CC Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button GW-CSSRM1-CC Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 12Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 13Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 14Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 15Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 16Page - ams-OSRAM AG GW-CSSRM1-CC Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Version 1.5 (not for new design)
GW CSSRM1.CC
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
ΦV/ΦV(85 °C) = f(Tj); IF = 700 mA
Cx, Cy = f(Tj); IF = 700 mA
GW CSSRM1.CC
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-2,0
-1,5
-1,0
-0,5
0,0
0,5
1,0
∆VF [V]
GW CSSRM1.CC
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(85°C)
GW CSSRM1.CC
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,39
0,40
0,41
0,42
0,43
Cx
Cy
: Cx - white
: Cy - white
Relative Forward Voltage 5) page 25
Relative Vorwärtsspannung 5) Seite 25
Relative Luminous Flux 5) page 25
Relativer Lichtstrom 5) Seite 25
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
2018-05-10
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com