Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-EC Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GW-CSSRM1-EC
Description  OSLON® Square
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-EC Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GW-CSSRM1-EC Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Version 1.6(not for new design)
GW CSSRM1.EC
Chromaticity Coordinate Groups 6) page 26
Farbortgruppen 6) Seite 26
5H
5I
6H
6I
7H
7I
5J
5K
6J
6K
7J
7K
5L
5M
5N
6L
6M
6N
7L
7M
7N
5O
5P
5Q
6O
6P
6Q
7O
7P
7Q
8O
8P
8Q
5R
5S
5T
6R
6S
6T
7R
7S
7T
8R
8S
8T
5U 5V
5W
5X
6U 6V
6W
6X
7U 7V
7W
7X
8U 8V
8W
8X
5Y
5Z
6Y
6Z
7Y
7Z
8Y
8Z
A5
A6
A7
A8
B5
B6
B7
B8
C5
C6
C7
C8
50
00
K
45
00
K
40
00
K
350
0K
300
0K
2700
K
2500 K
3000 K
3500 K
4000 K
4500 K
5000 K
0.330
0.350
0.370
0.390
0.410
0.430
0.450
0.330
0.350
0.370
0.390
0.410
0.430
0.450
0.470
0.490
0.510
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
warm white
neutral white
450
460
470
475
480
485
490
495
500
505
510
515
520
525
530
540
550
560
570
580
590
600
610
630
700
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
Cx
Cy
Coordinates in reference to CIE 1931 (cx cy)
2018-05-10
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com