Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-EC Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # GW-CSSRM1-EC
Description  OSLON® Square
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM1-EC Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button GW-CSSRM1-EC Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 12Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 13Page - ams-OSRAM AG GW-CSSRM1-EC Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Version 1.6(not for new design)
GW CSSRM1.EC
7K
0.3625
0.3711
6S
0.4263
0.3929
5Z
0.4639
0.3948
0.3642
0.3805
0.4305
0.4019
0.4689
0.3953
0.3714
0.3775
0.4342
0.3957
0.4696
0.4042
0.3736
0.3874
0.4386
0.4048
0.4747
0.4047
5L
0.3670
0.3578
7S
0.4305
0.4019
6Z
0.4696
0.4042
0.3692
0.3677
0.4346
0.4108
0.4747
0.4047
0.3746
0.3624
0.4386
0.4048
0.4753
0.4136
0.3773
0.3726
0.4430
0.4138
0.4805
0.4141
6L
0.3692
0.3677
8S
0.4346
0.4108
7Z
0.4753
0.4136
0.3714
0.3775
0.4387
0.4197
0.4805
0.4141
0.3773
0.3726
0.4430
0.4138
0.4809
0.4230
0.3799
0.3828
0.4474
0.4228
0.4863
0.4234
7L
0.3714
0.3775
5T
0.4298
0.3867
8Z
0.4809
0.4230
0.3736
0.3874
0.4342
0.3957
0.4863
0.4234
0.3799
0.3828
0.4373
0.3893
0.4866
0.4324
0.3826
0.3931
0.4420
0.3985
0.4922
0.4329
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
2018-05-10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com