Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM1-EC Datasheet (PDF) - ams-OSRAM AG

GW-CSSRM1-EC Datasheet PDF - ams-OSRAM AG
Part # GW-CSSRM1-EC
Download  GW-CSSRM1-EC Download
File Size   2124.88 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square

GW-CSSRM1-EC Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-CSSRM1-EC Datasheet PDF - ams-OSRAM AG

Part # GW-CSSRM1-EC
Download  GW-CSSRM1-EC Click to download

File Size   2124.88 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square

GW-CSSRM1-EC Datasheet (HTML) - ams-OSRAM AG


GW-CSSRM1-EC Product details

Features:
• Package: SMT ceramic package with silicone resin
and silicone lens
• Viewing angle at 50 % IV: 120°
• Color: 2400 K - 5000 K (white)
• CRI: min. 80 ( typ. 82 )
• Luminous Flux: typ. 244 lm @ 3000 K, 85 °C
• Luminous efficacy: typ. 124 lm/W @ 3000 K,
85 °C
• Corrosion Robustness: Superior Corrosion
Robustness
• Lumen Maintenance: Test results according to
IESNA LM-80 available
Applications
• Accent and effect lighting
• Museum lighting
• Shop lighting
• Spot lights
• Stage lighting
• Retrofits and fixtures




Similar Part No. - GW-CSSRM1-EC

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-CSSRM1-BM AMSOSRAM-GW-CSSRM1-BM Datasheet
2Mb / 25P
OSLON™ Square
Version 1.9 2026-07-20
GW-CSSRM1-CC AMSOSRAM-GW-CSSRM1-CC Datasheet
5Mb / 26P
OSLON® Square
2018-05-10
GW-CSSRM1-PC AMSOSRAM-GW-CSSRM1-PC Datasheet
2Mb / 26P
OSLON® Square
2018-05-10
More results


Similar Description - GW-CSSRM1-EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com