Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1606610000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1606610000
Description  BL 3.50/14/180 SN DKGN BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1606610000 Datasheet(HTML) 2 Page - Weidmuller

  1606610000 Datasheet HTML 1Page - Weidmuller 1606610000 Datasheet HTML 2Page - Weidmuller 1606610000 Datasheet HTML 3Page - Weidmuller 1606610000 Datasheet HTML 4Page - Weidmuller 1606610000 Datasheet HTML 5Page - Weidmuller 1606610000 Datasheet HTML 6Page - Weidmuller 1606610000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data sheet
BL 3.50/14/180 SN DKGN BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (UR)
E60693
 
Dimensions and weights
 
Depth
18.5 mm
Depth (inches)
0.7283 inch
Height
13 mm
Height (inches)
0.5118 inch
Width
49 mm
Width (inches)
1.9291 inch
Net weight
12.96 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
Product Carbon Footprint
Cradle to gate
0,522 kg CO2 eq.
 
System Parameters
 
Product family
OMNIMATE Signal - series BL/SL 3.50
Type of connection
Field connection
Wire connection method
Clamping yoke connection
Pitch in mm (P)
3.50 mm
Pitch in inches (P)
0.138 "
Conductor outlet direction
180°
Number of poles
14
L1 in mm
45.50 mm
L1 in inches
1.791 "
Number of rows
1
Pin series quantity
1
Rated cross-section
1.5 mm²
Touch-safe protection acc. to DIN VDE
57 106
Safe from finger touch
Touch-safe protection acc. to DIN VDE
0470
IP20 plugged/ IP10 unplugged
Protection degree
IP20, when fully mounted
Volume resistance
≤5 mΩ
Can be coded
Yes
Stripping length
6 mm
Clamping screw
M 2
Screwdriver blade
0.4 x 2.5
Screwdriver blade standard
DIN 5264
Plugging cycles
25
Plugging force/pole, max.
7 N
Pulling force/pole, max.
5 N
Tightening torque
Torque type
Wire connection
Usage information
Tightening torque
min.
0.2 Nm
max.
0.25 Nm
 
 
Creation date 27.02.2026 11:46:11 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com