Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1606610000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1606610000
Description  BL 3.50/14/180 SN DKGN BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1606610000 Datasheet(HTML) 1 Page - Weidmuller

  1606610000 Datasheet HTML 1Page - Weidmuller 1606610000 Datasheet HTML 2Page - Weidmuller 1606610000 Datasheet HTML 3Page - Weidmuller 1606610000 Datasheet HTML 4Page - Weidmuller 1606610000 Datasheet HTML 5Page - Weidmuller 1606610000 Datasheet HTML 6Page - Weidmuller 1606610000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data sheet
BL 3.50/14/180 SN DKGN BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Female connectors with clamping yoke screw system for
connecting conductors at 3.50 mm pitch. They provide
space for labelling and can be coded.
General ordering data
 
Version
PCB plug-in connector, female plug, 3.50 mm,
Number of poles: 14, 180°, Clamping yoke con-
nection, Clamping range, max. : 1.5 mm², Box
Order No.
1606610000
Type
BL 3.50/14/180 SN DKGN BX
GTIN (EAN)
4008190017712
Qty.
36 items
Product data
IEC: 320 V / 17 A / 0.2 - 1.5 mm²
UL: 300 V / 10 A / AWG 28 - AWG 14
Packaging
Box
 
 
Creation date 27.02.2026 11:46:11 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1606610000

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
16066 ATOM-16066 Datasheet
259Kb / 2P
AT5709
26th of January 2025 02:58:20
logo
Weidmuller
1606630000 WEIDMULLER-1606630000 Datasheet
597Kb / 7P
BL 3.50/16/180 SN DKGN BX
1606640000 WEIDMULLER-1606640000 Datasheet
1Mb / 5P
OMNIMATE Signal - series BL/SL 3.50 BL 3.50/02/180F SN OR BX
July 2, 2018 11:22:07 AM
1606650000 WEIDMULLER-1606650000 Datasheet
648Kb / 7P
BL 3.50/03/180F SN OR BX
logo
PHOENIX CONTACT
1606655 PHOENIX-1606655 Datasheet
50Kb / 2P
Cable connector - UC-17SCN8A80DU
12/06/2018
More results

Similar Description - 1606610000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
BLF 5.08/02/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
BLF 5.08/03/180 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
BLF 5.08/04/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
BLF 5.08/08/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
BLF 5.08/10/180 SN BK BX
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
BLF 5.08/12/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
BLF 5.08/16/180 SN BK BX
1013690000 WEIDMULLER-1013690000 Datasheet
74Kb / 4P
BLF 5.08/03/180 SN OR BX
1017680000 WEIDMULLER-1017680000 Datasheet
75Kb / 4P
BLF 5.00/03/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com