Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1606610000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1606610000
Description  BL 3.50/14/180 SN DKGN BX
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1606610000 Datasheet(HTML) 5 Page - Weidmuller

  1606610000 Datasheet HTML 1Page - Weidmuller 1606610000 Datasheet HTML 2Page - Weidmuller 1606610000 Datasheet HTML 3Page - Weidmuller 1606610000 Datasheet HTML 4Page - Weidmuller 1606610000 Datasheet HTML 5Page - Weidmuller 1606610000 Datasheet HTML 6Page - Weidmuller 1606610000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data sheet
BL 3.50/14/180 SN DKGN BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Evaluation
available
Test
durability
Evaluation
passed
Test: Misengagement (Non-
interchangeability)
Standard
DIN EN 61984 section 6.3 and 6.9.1 / 09.02,
DIN IEC 60512 part 7 section 5 / 05.94
Test
180° turned with coding elements
Evaluation
passed
Test: Clampable cross section
Standard
DIN EN 60999-1 section 7 and 9.1 / 12.00, DIN
EN 60947-1 section 8.2.4.5.1 / 12.99
Conductor type
Type of conductor
and conductor cross-
section
solid 0.2 mm²
Type of conductor
and conductor cross-
section
stranded 0.2 mm²
Type of conductor
and conductor cross-
section
solid 1.5 mm²
Type of conductor
and conductor cross-
section
stranded 1.5 mm²
Type of conductor
and conductor cross-
section
AWG 28/1
Type of conductor
and conductor cross-
section
AWG 28/19
Type of conductor
and conductor cross-
section
AWG 16/1
Type of conductor
and conductor cross-
section
AWG 16/19
Evaluation
passed
Test for damage to and accidental
loosening of conductors
Standard
DIN EN 60999-1 section 9.4 / 12.00
Requirement
0.2 kg
Conductor type
Type of conductor
and conductor cross-
section
AWG 28/1
Type of conductor
and conductor cross-
section
AWG 28/19
Evaluation
passed
Requirement
0.3 kg
Conductor type
Type of conductor
and conductor cross-
section
2 × AWG 24/1
Type of conductor
and conductor cross-
section
2 × AWG 24/19 with
wire end ferrule
Evaluation
passed
Requirement
0.4 kg
Conductor type
Type of conductor
and conductor cross-
section
solid 1.5 mm²
Type of conductor
and conductor cross-
section
stranded 1.5 mm²
Type of conductor
and conductor cross-
section
AWG 16/7
Evaluation
passed
Pull-out test
Standard
DIN EN 60999-1 section 9.5 / 12.00
 
Creation date 27.02.2026 11:46:11 MEZ
 
Catalogue status / Drawings
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com