Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82812PVCAR Datasheet(PDF) 18 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPSM82812PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 16Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 17Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 18Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 19Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 20Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 21Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
9.2.3 Application Curves
TA = 25°C, VIN = 5V, VOUT = 1.8V, 1.8MHz, PWM mode, BOM = Table 7-1 unless otherwise noted.
Output Current (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
1
100m
10m
1m
100u
10u
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3.3V
PFM, SIL Package
TA = 25°C
Figure 9-2. Efficiency vs Output Current
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
40
45
50
55
60
65
70
75
80
85
90
95
100
1
4
2
3
0
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3.3V
PWM, SIL Package
TA = 25°C
Figure 9-3. Efficiency vs Output Current
Output Current (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
1
100m
10m
1m
100u
10u
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3.3V
PFM, SIL Package
TA = 85°C
Figure 9-4. Efficiency vs Output Current
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
40
45
50
55
60
65
70
75
80
85
90
95
100
1
4
2
3
0
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3.3V
PWM, SIL Package
TA = 85°C
Figure 9-5. Efficiency vs Output Current
Output Current (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
1
100m
10m
1m
100u
10u
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VIN = 5V
PFM, SIL Package
TA = 25°C
Figure 9-6. Efficiency vs Output Current
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
40
45
50
55
60
65
70
75
80
85
90
95
100
1
4
2
3
0
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VIN = 5V
PWM, SIL Package
TA = 25°C
Figure 9-7. Efficiency vs Output Current
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
18
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com