Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82812PVCAR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 1 Page - Texas Instruments

  TPSM82812PVCAR Datasheet HTML 1Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 2Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 3Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 4Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 5Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 6Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 7Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated
Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
1 Features
• Adjustable and synchronizable switching
frequency of 1.8MHz to 4MHz
• Two package types available
– MagPack package (shields inductor and IC) 13-
pin, < 2.0mm tall
– μSIL 14-pin, < 2.4mm tall
• Optimized for low EMI requirements
– Flip-chip die mount (no bond wires)
– Simplified layout through optimized pinout
• Spread spectrum clocking versions available
• Selectable forced PWM or PFM/PWM operation
• Output voltage accuracy ±1% (PWM operation)
• 2.75V to 6V input voltage range
• 0.6V to 5.5V output voltage range
• Adjustable soft start or tracking
• Power-good output with window comparator
• Precise ENABLE input allows
– User-defined undervoltage lockout
– Exact sequencing
• 100% duty cycle
• Output discharge
• 15µA typical quiescent current
• Excellent thermal performance
• –40°C to 125°C operating temperature range
• Pin-to-pin 6A version, 1.6mm tall: TPSM82816
• Create a custom design using the TPSM8281x
with the WEBENCH® Power Designer
2 Applications
• Optical modules, data center interconnect
• Test and measurement
• Patient monitoring and diagnostics
• Wireless infrastructure
• Aerospace and defense
3 Description
TPSM8281x is a family of pin-to-pin compatible,
high-efficiency, and easy to use synchronous step-
down DC/DC power modules with integrated inductors
with output currents ranging from 1A up to 4A.
The devices use a fixed-frequency peak current-
mode control topology and support high power
density requirements for telecommunication, test
and measurement, and medical applications. Low
resistance switches allow up to 4A continuous output
current at high ambient temperatures. The switching
frequency is adjustable from 1.8MHz to 4MHz and
can also be synchronized to an external clock. In
PFM/PWM mode, the TPSM8281x maintains high
efficiency over the whole load range. The devices
provide 1% output voltage accuracy in PWM mode,
which eases designing precise power supplies. The
SS/TR pin can be used to limit inrush current through
a precise start-up ramp, or for sequencing by tracking
the output voltage to an external voltage applied to
this pin.
Device Information
PART
NUMBER(2)
OUTPUT
CURRENT
PACKAGE(1)
BODY SIZE (NOM)
TPSM82810
4A
SIL (µSiL, 14)
3.0mm × 4.0mm × 2.4mm
VCA (QFN, 13)
2.5mm × 3.0mm × 1.95mm
TPSM82813
3A
SIL (µSiL, 14)
3.0mm × 4.0mm × 2.4mm
VCA (QFN, 13)
2.5mm × 3.0mm × 1.95mm
TPSM82812(3)
2A
VCA (QFN, 13)
2.5mm × 3.0mm × 1.95mm
TPSM82811(3)
1A
(1)
For more information, see Section 12.
(2)
See the Device Comparison Table.
(3)
Preview information (not Production Data).
Schematic
Output Current (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
1
100m
10m
1m
100u
10u
D002
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
TPSM82813PVCAR Efficiency; VIN = 3.3V
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TPSM82812PVCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82812PVCAR TI1-TPSM82812PVCAR Datasheet
2Mb / 35P
TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
JULY 2024
More results

Similar Description - TPSM82812PVCAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V02 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82816 TI-TPSM82816 Datasheet
1Mb / 30P
TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization
DECEMBER 2022
TPSM843320 TI-TPSM843320 Datasheet
1Mb / 39P
TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843620 TI-TPSM843620 Datasheet
1Mb / 39P
TPSM843620 4-V to 18-V Input, 6-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843820 TI-TPSM843820 Datasheet
1Mb / 39P
TPSM843820 4-V to 18-V Input, 8-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843320 TI1-TPSM843320_V01 Datasheet
1Mb / 41P
TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
TPSM843820 TI1-TPSM843820_V01 Datasheet
1Mb / 41P
TPSM843820 4-V to 18-V Input, 8-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com