Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82812PVCAR Datasheet(PDF) 12 Page - Texas Instruments

Part # TPSM82812PVCAR
Description  TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPSM82812PVCAR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPSM82812PVCAR Datasheet HTML 8Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 9Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 10Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 11Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 12Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 13Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 14Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 15Page - Texas Instruments TPSM82812PVCAR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Table 8-1. Switching Frequency and Compensation
COMPENSATION
RCF
SWITCHING
FREQUENCY
MINIMUM OUTPUT
CAPACITANCE FOR
VOUT < 1V
MINIMUM OUTPUT
CAPACITANCE FOR
1V ≤ VOUT < 3.3V
MINIMUM OUTPUT
CAPACITANCE FOR
VOUT ≥ 3.3V
for smallest output
capacitance
(comp setting 1)
RCF(kΩ)=18MHz×kΩ
fS(MHz) 1.8MHz(10kΩ)...
4MHz (4.5kΩ)
53µF
32µF
27µF
for medium output
capacitance
(comp setting 2)
RCF(kΩ)=60MHz×kΩ
fS(MHz) 1.8MHz(33kΩ)...
4MHz (15kΩ)
100µF
60µF
50µF
for large output
capacitance
(comp setting 3)
RCF(kΩ)=180MHz×kΩ
fS(MHz) 1.8MHz(100kΩ)...
4MHz (45kΩ)
200µF
120µF
100µF
for smallest output
capacitance
(comp setting 1)
tied to GND
internally fixed
2.25MHz
53µF
32µF
27µF
for large output
capacitance
(comp setting 3)
tied to VIN
internally fixed
2.25MHz
200µF
120µF
100µF
Refer to Section 9.2.2.5 for further details on the output capacitance required depending on the output voltage.
All values are the effective value of capacitance.
A too high resistor value for RCF is read as "tied to VIN", and a value below the lowest range as "tied to
GND". The minimum output capacitance in Table 8-1 is for capacitors close to the output of the device. If the
capacitance is distributed, a lower compensation setting can be required.
8.3.4 MODE/SYNC
When MODE/SYNC is set low, the device operates in PWM or PFM mode, depending on the output current.
The MODE/SYNC pin forces PWM mode when set high. The pin also allows you to apply an external clock in
a frequency range from 1.8MHz to 4MHz for external synchronization. When an external clock is applied, the
device operates in PWM mode. As with the switching frequency selection, the specification for the minimum
on-time has to be observed when applying the external clock signal. When using external synchronization, TI
recommends to set the switching frequency as set by RCF to a similar value as the externally applied clock. This
ensures that the switching frequency stays in the same range when the external clock fails and the settling time
to the internal clock is reduced. When there is no resistor from COMP/FSET to GND, but the pin is pulled high
or low, external synchronization is not possible. An internal PLL allows you to change from an internal clock
to external clock during operation. The synchronization to the external clock is done on the falling edge of the
applied clock to the rising edge of the internal SW pin. The MODE/SYNC pin can be changed during operation.
See Section 9.3.2 for more details.
8.3.5 Spread Spectrum Clocking (SSC) - TPSM8281xS
These devices offer spread spectrum clocking, where the switching frequency is randomly changed in
PWM mode when the internal clock is used. The frequency variation is typically between the nominal
switching frequency and up to 288kHz above the nominal switching frequency. When the device is externally
synchronized, the TPSM8281xS follows the external clock and the internal spread spectrum block is turned off.
SSC is also disabled during soft start.
8.3.6 Undervoltage Lockout (UVLO)
If the input voltage drops, the undervoltage lockout prevents mis-operation of the device by switching off both the
MOSFETs. The device is fully operational for voltages above the rising UVLO threshold and turns off if the input
voltage goes below the falling threshold.
8.3.7 Power-Good Output (PG)
The device has a power good output with window comparator. The PG pin goes high impedance after the FB
pin voltage is above 95% and less than 107% of the nominal voltage, and is driven low after the voltage falls
below typically 90% or higher than 110% of the nominal voltage. Table 8-2 shows the typical PG pin logic. The
PG pin is an open-drain output and is specified to sink up to 2mA. The power good output requires a pullup
TPSM82810, TPSM82813
SLUSDN6D – SEPTEMBER 2019 – REVISED JUNE 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TPSM82810 TPSM82813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com