Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCTR1007 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # LCTR1007
Description  1 Watt RF Load Up to 18 GHz with SMA Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCTR1007 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  LCTR1007 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCTR1007 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCTR1007 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | l-com.com
1
LCTR1007 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
1 Watt RF Load Up to 18 GHz with SMA Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
1 Watt RF Load Up to 18 GHz with SMA Female LCTR1007
Features
•
Frequency range from DC to 18GHz
• Max Power 1W
•
Operating temp range from -55 to 125C
•
VSWR <1.40:1
Applications
•
Coaxial termination
•
50 Ohm applications
•
Signal splitters
.
Description
L-com’s LCTR1007 is an RF termination (also called RF load or dummy load) that operates from DC to 18 GHz and handles up to 1 Watt
(CW). This SMA termination / load has a female gender. LCTR1007 termination offers 1.40:1 max VSWR.
RF loads/terminations are indispensable components in many RF, microwave and millimeter wave systems where signal reflection from
unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an unused port with a matched
load (dummy load), the incident energy will be absorbed with minimal reflection. These termination components are commonly used to
terminate devices such as couplers, circulators, and switches. They are also widely used in measurement systems to ensure accurate
results.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
VSWR
1.4:1
Input Power (CW)
1
Watt
derated linearly to 0.1W @ +125°C
Input Power (Peak)
250
Watts
5µs pulse with 0.4% duty cycle
.
Mechanical Specifications
Size
Length
0.63 in [16 mm]
Width
0.36 in [9.14 mm]
.
Weight
0.011 lbs [4.99 g]
.
Configuration
Connector
SMA Female
LCTR1007


Similar Part No. - LCTR1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCTR1001 L-COM-LCTR1001 Datasheet
368Kb / 3P
2 Watt RF Load Up to 1 GHz with SMA Male Nickel Plated Brass Body
05/23/2019
LCTR1006 L-COM-LCTR1006 Datasheet
245Kb / 3P
1 Watt RF Load Up to 18 GHz with SMA Male
02/04/2021
LCTR1009 L-COM-LCTR1009 Datasheet
244Kb / 3P
2 Watt RF Load Up to 18 GHz with SMA Female
02/04/2021
More results

Similar Description - LCTR1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6TR1000 PASTERNACK-PE6TR1000 Datasheet
343Kb / 3P
30 Watt RF Load Up To 4.2 GHz With SMA Female Input
PE6TR1001 PASTERNACK-PE6TR1001 Datasheet
344Kb / 3P
50 Watt RF Load Up To 6 GHz With SMA Female Input
PE6069 PASTERNACK-PE6069_17 Datasheet
360Kb / 4P
1 Watt RF Load with Chain Up to 18 GHz SMA Male Passivated Stainless Steel
PE6071 PASTERNACK-PE6071_16 Datasheet
423Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Male Input Passivated Stainless Steel
PE6073 PASTERNACK-PE6073_16 Datasheet
420Kb / 3P
1 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6079 PASTERNACK-PE6079_17 Datasheet
354Kb / 4P
1 Watt RF Load Up to 26.5 GHz with SMA Female Passivated Stainless Steel
PE6083 PASTERNACK-PE6083 Datasheet
423Kb / 3P
2 Watt RF Load Up to 18 GHz With SMA Female Input Passivated Stainless Steel
PE6160 PASTERNACK-PE6160_16 Datasheet
440Kb / 4P
1 Watt RF Load Up to 18 GHz With SMP Female Input Gold Plated Brass
PE6211 PASTERNACK-PE6211_15 Datasheet
376Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Male Input
PE6212 PASTERNACK-PE6212_15 Datasheet
375Kb / 2P
50 Watt RF Load Up To 18 GHz With SMA Female Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com