Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 106Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 107Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 108Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 109Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 110Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 111Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 112Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 113Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 114Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 111 / 114 page
background image
C - 2
Rev.
Date
Description
Page
Summary
2.00
Sep 06, 2013
52
Modification of Remark in 2.5.2 Serial interface IICA
53
Addition of table to 2.6.1 A/D converter characteristics
53
Modification of description in 2.6.1 (1)
54
Modification of Notes 3 to 5 in 2.6.1 (1)
54
Modification of description and Notes 2 to 4 in 2.6.1 (2)
55
Modification of description and Notes 3 and 4 in 2.6.1 (3)
56
Modification of description and Notes 3 and 4 in 2.6.1 (4)
57
Modification of table in 2.6.2 Temperature sensor/internal reference voltage
characteristics
57
Modification of table and Note in 2.6.3 POR circuit characteristics
58
Modification of table in 2.6.4 LVD circuit characteristics
59
Modification of table of LVD detection voltage of interrupt & reset mode
59
Modification of number and title to 2.6.5 Power supply voltage rising slope
characteristics
61
Modification of table, figure, and Remark in 2.10 Timing of Entry to Flash
Memory Programming Modes
62 to 103
Addition of products of industrial applications (G: TA = -40 to +105°C)
104 to
106
Addition of products of industrial applications (G: TA = -40 to +105°C)
2.10
Mar 25, 2016
6
Modification of Figure 1-1 Part Number, Memory Size, and Package of
RL78/G12
7
Modification of Table 1-1 List of Ordering Part Numbers
8
Addition of product name (RL78/G12) and description (Top View) in 1.4.1 20-
pin products
9
Addition of product name (RL78/G12) and description (Top View) in 1.4.2 24-
pin products
10
Addition of product name (RL78/G12) and description (Top View) in 1.4.3 30-
pin products
15
Modification of description in 1.7 Outline of Functions
16
Modification of description, and addition of target products
52
Modification of note 2 in 2.5.2 Serial interface IICA
60
Modification of title and note, and addition of caution in 2.7 RAM Data
Retention Characteristics
60
Modification of conditions in 2.8 Flash Memory Programming Characteristics
62
Modification of description, and addition of target products and remark
94
Modification of note 2 in 3.5.2 Serial interface IICA
102
Modification of title and note in 3.7 RAM Data Retention Characteristics
102
Modification of conditions in 3.8 Flash Memory Programming Characteristics
104 to
106
Addition of package name
2.20
Oct 31, 2018
4
Modification of Table 1-1 List of Ordering Part Numbers
7
Modification of pin configuration diagram in 1.4.1 20-pin products
2.21
Jan 31, 2020
3
Addition of packaging specifications in Figure 1-1 Part Number, Memory Size,
and Package of RL78/G12
4, 5
Addition of part numbers and RENESAS codes in Table 1-1 List of Ordering
Part Numbers
105, 106,
108
Modification of the titles of the subchapters and deletion of product names in
Chapter 4
107
Addition of figure in 4.2 24-pin package
2.22
Apr 28, 2020
3
Addition of packaging specifications and package type in Figure 1-1 Part
Number, Memory Size, and Package of RL78/G12
4
Addition of packaging specifications in Table 1-1 List of Ordering Part
Numbers
9
Addition of packaging specifications in 1.4.1 20-pin products
107
Addition of figure in 4.1 20-pin package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com