Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8565 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8565 Datasheet HTML 1Page - Texas Instruments DAC8565 Datasheet HTML 2Page - Texas Instruments DAC8565 Datasheet HTML 3Page - Texas Instruments DAC8565 Datasheet HTML 4Page - Texas Instruments DAC8565 Datasheet HTML 5Page - Texas Instruments DAC8565 Datasheet HTML 6Page - Texas Instruments DAC8565 Datasheet HTML 7Page - Texas Instruments DAC8565 Datasheet HTML 8Page - Texas Instruments DAC8565 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
RELATIVE
DIFFERENTIAL
REFERENCE
SPECIFIED
ACCURACY
NONLINEARITY
DRIFT
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
(ppm/
°C)
LEAD
DESIGNATOR
RANGE
MARKING
DAC7565A
±1
±0.5
25
TSSOP-16
PW
–40
°C to +105°C
DAC7565
DAC7565C
±1
±0.5
5
TSSOP-16
PW
–40
°C to +105°C
DAC7565
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
DAC7565
UNIT
AVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to +VDD + 0.3
V
VOUT to GND
–0.3 to +VDD + 0.3
V
VREF to GND
–0.3 to +VDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/θJA
W
Thermal impedance,
θ
JA
+118
°C/W
Thermal impedance,
θ
JC
+29
°C/W
Human body model (HBM)
4000
V
ESD rating
Charged device model (CDM)
1500
V
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com