Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8565 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 26Page - Texas Instruments DAC8565 Datasheet HTML 27Page - Texas Instruments DAC8565 Datasheet HTML 28Page - Texas Instruments DAC8565 Datasheet HTML 29Page - Texas Instruments DAC8565 Datasheet HTML 30Page - Texas Instruments DAC8565 Datasheet HTML 31Page - Texas Instruments DAC8565 Datasheet HTML 32Page - Texas Instruments DAC8565 Datasheet HTML 33Page - Texas Instruments DAC8565 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
POWER-DOWN MODES
DAC Power-Down Commands
V
X
OUT
Amplifier
Resistor
String
DAC
Power-Down
Circuitry
Resistor
Network
DAC7565
SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008 ............................................................................................................................................... www.ti.com
DACs. However, for the three power-down modes,
the supply current falls to 1.3
µA at 5.5V (0.5µA at
The DAC7565 has two separate sets of power-down
3.6V). Not only does the supply current fall, but the
commands. One set is for the DAC channels and the
output stage also switches internally from the output
other set is for the internal reference. For more
of the amplifier to a resistor network of known values.
information on powering down the reference, see the
Enable/Disable Internal Reference section.
The advantage of this switching is that the output
impedance of the device is known while it is in
power-down mode. As described in Table 7, there are
three different power-down options. VOUT can be
The DAC7565 uses four modes of operation. These
connected internally to GND through a 1k
Ω resistor, a
modes are accessed by setting three bits (PD2, PD1,
100k
Ω resistor, or open circuited (High-Z). The output
and PD0) in the shift register. Table 7 shows how to
stage is shown in Figure 96. In other words, DB16,
control the operating mode with data bits PD0
DB15, and DB14 = '111' represent a power-down
(DB16), PD1 (DB15), and PD2 (DB14).
condition with Hi-Z output impedance for a selected
channel. '101' represents a power-down condition
Table 7. DAC Operating Modes
with 1k
Ω output impedance, and '110' represents a
PD0
PD1
PD2
power-down condition with 100k
Ω output impedance.
(DB16)
(DB15)
(DB14)
DAC OPERATING MODES
0
X
X
Normal operation
1
0
1
Output typically 1k
Ω to GND
1
1
0
Output typically 100k
Ω to GND
1
1
1
Output high-impedance
The DAC7565 treats the power-down condition as
data; all the operational modes are still valid for
power-down. It is possible to broadcast a power-down
condition to all the DAC7565s in a system; it is also
possible to simultaneously power-down a channel
while updating data on other channels.
Figure 96. Output Stage During Power-Down
When the PD0 bit is set to '0', the device works
normally with its typical current consumption of 1mA
All analog channel circuitries are shut down when the
at 5.5V with an input code = 2048. The reference
power-down
mode
is
exercised.
However,
the
current is included with the operation of all four
contents of the DAC register are unaffected when in
power down. The time required to exit power-down is
typically 2.5
µs for V
DD = 5V, and 5µs for VDD = 3V.
See the Typical Characteristics for more information.
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com