Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8565 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8565
Description  12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8565 Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC8565 Datasheet HTML 29Page - Texas Instruments DAC8565 Datasheet HTML 30Page - Texas Instruments DAC8565 Datasheet HTML 31Page - Texas Instruments DAC8565 Datasheet HTML 32Page - Texas Instruments DAC8565 Datasheet HTML 33Page - Texas Instruments DAC8565 Datasheet HTML 34Page - Texas Instruments DAC8565 Datasheet HTML 35Page - Texas Instruments DAC8565 Datasheet HTML 36Page - Texas Instruments DAC8565 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DAC7565
www.ti.com ............................................................................................................................................... SBAS412A – FEBRUARY 2008 – REVISED MARCH 2008
Example 5: Power-Down All Channels Simultaneously while Reference is Always Powered Up
• 1st: Write sequence for enabling the DAC7565 internal reference all the time:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1)
(DAC Sel 0)
(PD0)
0
0
0
0
0
0
0
1
0
0
0
1
X
X
• 2nd: Write sequence to power-down all DACs to high-impedance:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1)
(DAC Sel 0)
(PD0)
0
0
1
1
0
1
0
1
1
1
X
X
X
X
The DAC A, DAC B, DAC C, and DAC D analog outputs sequentially power-down to high-impedance upon
completion of the first and second write sequences, respectively.
Example 6: Write a Specific Value to All DACs while Reference is Always Powered Down
• 1st: Write sequence for disabling the DAC7565 internal reference all the time (after this sequence, the
DAC7565 requires an external reference source to function):
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1)
(DAC Sel 0)
(PD0)
0
0
0
0
0
0
0
1
0
0
1
0
X
X
• 2nd: Write sequence to write specified data to all DACs:
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1)
(DAC Sel 0)
(PD0)
0
0
1
1
0
1
0
0
D11
D10
D9
D8
D7–D0
X
The DAC A, DAC B, DAC C, and DAC D analog outputs simultaneously settle to the specified values upon
completion of the fourth write sequence. (The DAC voltages update simultaneously after the 24th SCLK falling
edge of the fourth write cycle). Reference is always powered-down.
Example 7: Write a Specific Value to DAC A, while Reference is Placed in Default Mode and All Other
DACs are Powered Down to High-Impedance
• 1st: Write sequence for placing the DAC7565 internal reference into default mode. Alternately, this step can
be replaced by performing a power-on reset (see the Power-On Reset section):
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1)
(DAC Sel 0)
(PD0)
0
0
0
0
0
0
0
1
0
0
0
0
X
X
• 2nd: Write sequence to power-down all DACs to high-impedance (after this sequence, the DAC7565 internal
reference powers down automatically):
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1)
(DAC Sel 0)
(PD0)
0
0
1
1
0
1
0
1
1
1
X
X
X
X
• 3rd: Write sequence to power-up DAC A to a specified value (after this sequence, the DAC7565 internal
reference powers up automatically):
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
DB15
DB14
DB13
DB12
DB11-DB4
DB3-DB0
(LD1)
(LD0)
(DAC Sel 1)
(DAC Sel 0)
(PD0)
0
0
0
1
0
0
0
0
D11
D10
D9
D8
D7–D0
X
The DAC B, DAC C, and DAC D analog outputs simultaneously power-down to high-impedance, and DAC A
settles to the specified value upon completion.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): DAC7565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com